Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA356 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA356
Description  200MHz, CMOS OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA356 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA356_07 Datasheet HTML 5Page - Texas Instruments OPA356_07 Datasheet HTML 6Page - Texas Instruments OPA356_07 Datasheet HTML 7Page - Texas Instruments OPA356_07 Datasheet HTML 8Page - Texas Instruments OPA356_07 Datasheet HTML 9Page - Texas Instruments OPA356_07 Datasheet HTML 10Page - Texas Instruments OPA356_07 Datasheet HTML 11Page - Texas Instruments OPA356_07 Datasheet HTML 12Page - Texas Instruments OPA356_07 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
OPA356, 2356
9
SBOS212A
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C and VS = 5V, G = +2, RF = 604Ω, RL = 150Ω connected to VS/2, unless otherwise noted.
OUTPUT SETTLING TIME TO 0.1%
Time (ns)
25
30
40
45
35
10
515
20
50
0
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
V
O = 2Vp-p
OPEN-LOOP GAIN vs TEMPERATURE
Temperature (
°C)
65
85
105
5
25
45
135
125
–55
–35
–15
110
100
90
80
70
60
R
L = 1kΩ
R
L = 150Ω
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (mV)
–6
–7
–8
–9
–5 –4 –3 –2 –1 0 1
2 3 4 5 678 9
20
18
16
14
12
10
8
6
4
2
0
COMMON-MODE REJECTION RATIO AND
POWER-SUPPLY REJECTION RATIO vs TEMPERATURE
Temperature (
°C)
65
85
105
5
25
45
135
125
–55
–35
–15
100
90
80
70
60
50
Power-Supply Rejection Ratio
Common-Mode Rejection Ratio
CHANNEL-TO-CHANNEL CROSSTALK
Frequency (Hz)
10M
1M
100M
100k
0
–20
–40
–60
–80
–100
–120
OPA2356
(dual)


Similar Part No. - OPA356_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA356-Q1 TI1-OPA356-Q1 Datasheet
791Kb / 17P
[Old version datasheet]   200-MHz CMOS OPERATIONAL AMPLIFIER
OPA356-Q1 TI-OPA356-Q1_15 Datasheet
900Kb / 18P
[Old version datasheet]   200-MHz CMOS OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA356A BURR-BROWN-OPA356A Datasheet
263Kb / 13P
   200MHz, CMOS OPERATIONAL AMPLIFIER
OPA356AID BURR-BROWN-OPA356AID Datasheet
263Kb / 13P
   200MHz, CMOS OPERATIONAL AMPLIFIER
OPA356AIDBV BURR-BROWN-OPA356AIDBV Datasheet
263Kb / 13P
   200MHz, CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - OPA356_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA356 BURR-BROWN-OPA356 Datasheet
263Kb / 13P
   200MHz, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
538Kb / 18P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI1-OPA355_15 Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
EC5911 E-CMOS-EC5911 Datasheet
470Kb / 6P
   200MHz, High-Speed, CMOS, Rail-to-Rail Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com