Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS160 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS160
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS160 Datasheet(HTML) 4 Page - Texas Instruments

  SN75ALS160 Datasheet HTML 1Page - Texas Instruments SN75ALS160 Datasheet HTML 2Page - Texas Instruments SN75ALS160 Datasheet HTML 3Page - Texas Instruments SN75ALS160 Datasheet HTML 4Page - Texas Instruments SN75ALS160 Datasheet HTML 5Page - Texas Instruments SN75ALS160 Datasheet HTML 6Page - Texas Instruments SN75ALS160 Datasheet HTML 7Page - Texas Instruments SN75ALS160 Datasheet HTML 8Page - Texas Instruments SN75ALS160 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN75ALS160
OCTAL GENERALPURPOSE INTERFACE BUS TRANSCEIVERS
SLLS018E − JUNE 1986 − REVISED JUNE 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
Bus ports with pullups active
− 5.2
mA
IOH
High-level output current
Terminal ports
− 800
µA
IOL
Low-level output current
Bus ports
48
mA
IOL
Low-level output current
Terminal ports
16
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
II = − 18 mA,
VCC = MIN
− 0.8
− 1.5
V
Vhys
Hysteresis voltage
(VIT+ − VIT−)
Bus
0.4
0.65
V
VOH§
High-level output
Terminal
IOH = − 800 µA,
TE at 0.8 V,
VCC = MIN
2.7
3.5
V
VOH§
High-level output
voltage
Bus
IOH = − 5.2 mA,
PE and TE at 2 V,
VCC = MIN
2.5
3.3
V
VOL
Low-level output
Terminal
IOL = 16 mA,
TE at 0.8 V,
VCC = MIN
0.3
0.5
V
VOL
Low-level output
voltage
Bus
IOL = 48 mA,
TE at 2 V,
VCC = MIN
0.35
0.5
V
II
Input current at
maximum input
voltage
Terminal
VI = 5.5 V,
VCC = MAX
0.2
100
µA
IIH
High-level input
current
Terminal,
PE, or TE
VI = 2.7 V,
VCC = MAX
0.1
20
µA
IIL
Low-level input
current
Terminal,
PE, or TE
VI = 0.5 V,
VCC = MAX
−10
−100
µA
VI/O(bus)
Voltage at bus port
II(bus) = 0
2.5
3
3.7
V
VI/O(bus)
Voltage at bus port
II(bus) = −12 mA
−1.5
V
VI(bus) = −1.5 V to 0.4 V
−1.3
VI(bus) = 0.4 V to 2.5 V
0
− 3.2
II/O(bus)
Current into bus
port
Power on
VI(bus) = 2.5 V to 3.7 V
2.5
− 3.2
mA
II/O(bus)
port
VI(bus) = 3.7 V to 5 V
0
2.5
VI(bus) = 5 V to 5.5 V
0.7
2.5
Power off
VCC = 0
VI(bus) = 0 to 2.5 V
40
µA
IOS
Short-circuit output
Terminal
VCC = MAX
−15
−35
−75
mA
IOS
Short-circuit output
current
Bus
VCC = MAX
−25
−50
− 125
mA
ICC
Supply current
No load,
Terminal outputs low and enabled
42
65
mA
ICC
Supply current
No load,
VCC = MAX
Bus outputs low and enabled
52
80
mA
CI/O(bus)
Bus-port capacitance
VCC = 0 to 5 V,
VI/O = 0 to 2 V,
f = 1 MHz
30
pF
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ VOH applies to 3-state outputs only.


Similar Part No. - SN75ALS160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS160 TI-SN75ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160DW TI-SN75ALS160DW Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160N TI-SN75ALS160N Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results

Similar Description - SN75ALS160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75160A RENESAS-HD75160A Datasheet
162Kb / 13P
   Octal General Purpose Interface Bus Transceivers
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS161 TI-SN75ALS161_08 Datasheet
532Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com