Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR2020CTPBF Datasheet(PDF) 1 Page - International Rectifier

Part # MUR2020CTPBF
Description  Ultrafast Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MUR2020CTPBF Datasheet(HTML) 1 Page - International Rectifier

  MUR2020CTPBF Datasheet HTML 1Page - International Rectifier MUR2020CTPBF Datasheet HTML 2Page - International Rectifier MUR2020CTPBF Datasheet HTML 3Page - International Rectifier MUR2020CTPBF Datasheet HTML 4Page - International Rectifier MUR2020CTPBF Datasheet HTML 5Page - International Rectifier MUR2020CTPBF Datasheet HTML 6Page - International Rectifier MUR2020CTPBF Datasheet HTML 7Page - International Rectifier MUR2020CTPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
MUR2020CTPbF
Bulletin PD-20895 rev. A 12/05
trr = 25ns
IF(AV) = 20Amp
VR = 200V
• Ultrafast Recovery Time
• Low Forward Voltage Drop
• Low Leakage Current
• 175°C Operating Junction Temperature
• Lead-Free ("PbF" suffix)
Features
Description/ Applications
International Rectifier's MUR.. series are the state of the art Ultra fast recovery rectifiers specifically designed with
optimized performance of forward voltage drop and ultra fast recovery time.
The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness
and reliability characteristics.
These devices are intended for use in the output rectification stage of SMPS, UPS, DC-DC converters as well as
free-wheeling diode in low voltage inverters and chopper motor drives.
Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
Absolute Maximum Ratings
Ultrafast Rectifier
VRRM
Peak Repetitive Peak Reverse Voltage
200
V
IF(AV)
Average Rectified Forward Current
Per Leg
10
A
Total Device, (Rated VR ), TC = 145°C
Total Device
20
IFSM
Non Repetitive Peak Surge Current
Per Leg
100
IFM
Peak Repetitive Forward Current
Per Leg
20
(Rated VR , Square wave, 20 KHz), TC = 145°C
TJ, TSTG
Operating Junction and Storage Temperatures
-65 to 175
°C
Parameters
Max
Units
www.irf.com
Case Styles
TO-220AB
MUR2020CTPbF
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode


Similar Part No. - MUR2020CTPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MUR2020CTPBF VISHAY-MUR2020CTPBF Datasheet
115Kb / 7P
   Ultrafast Rectifier, 2 x 10 A FRED PtTM
Revision: 18-Jul-08
MUR2020CTPBF VISHAY-MUR2020CTPBF Datasheet
158Kb / 8P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 28-Apr-11
MUR2020CTPBF VISHAY-MUR2020CTPBF_11 Datasheet
158Kb / 8P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 28-Apr-11
More results

Similar Description - MUR2020CTPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04PBF IRF-16CTU04PBF Datasheet
194Kb / 8P
   Ultrafast Rectifier
MUR1520 IRF-MUR1520_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
   ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
   Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Solid States Devices, I...
RC0090 SSDI-RC0090 Datasheet
170Kb / 2P
   Ultrafast Rectifier
logo
Lucky Light Electronic
VS-MUR1620CTPBF LUCKY-LIGHT-VS-MUR1620CTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
   ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
US1A CHONGQING-US1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com