Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK4006B Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KK4006B
Description  鬼MOS 18-Stage Static Shift Register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK4006B Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KK4006B Datasheet HTML 1Page - KODENSHI_AUK CORP. KK4006B Datasheet HTML 2Page - KODENSHI_AUK CORP. KK4006B Datasheet HTML 3Page - KODENSHI_AUK CORP. KK4006B Datasheet HTML 4Page - KODENSHI_AUK CORP. KK4006B Datasheet HTML 5Page - KODENSHI_AUK CORP. KK4006B Datasheet HTML 6Page - KODENSHI_AUK CORP. KK4006B Datasheet HTML 7Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
KK4006B
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VDD,
Guaranteed Limit
Unit
V
55
°C
125
°C
25
°C
min max
min max
min
max
VIH
Minimum High-
Level Input Voltage
VO = 0.5 V or VDD-0.5 V
5.0
3.5
-
3.5
-
3.5
-
V
VO = 1.0 V or VDD-1.0 V
10
7.0
-
7.0
-
7.0
-
VO = 1.5 V or VDD-1.5 V
15
11
-
11
-
11
-
VIL
Maximum Low -
Level Input Voltage
VO = 0.5 V or VDD-0.5 V
5.0
-
1.5
-
1.5
-
1.5
V
VO = 1.0 V or VDD-1.0 V
10
-
3.0
-
3.0
-
3.0
VO = 1.5 V or VDD-1.5 V
15
-
4.0
-
4.0
-
4.0
VOH
Minimum High-
Level Output
Voltage
VI = VSS или VDD
5.0
10
15
4.95
9.95
14.95
-
-
-
4.95
9.95
14.95
-
-
-
4.95
9.95
14.95
-
-
-
V
VOL
Maximum Low-
Level Output
Voltage
VI = VSS или VDD
5.0
10
15
-
-
-
0.05
0.05
0.05
-
-
-
0.05
0.05
0.05
-
-
-
0.05
0.05
0.05
V
IIL
Maximum Input
Current
VI = VSS
18
-
-0.1
-
-1.0
-
-0.1
µA
IIH
Maximum Input
Leakage Current
VI = VDD
18
-
+0.1
-
+1.0
-
+0.1
µA
IDD
Maximum
Quiescent Supply
Current
(per Package)
VI = VSS or VDD
5.0
10
15
20
-
-
-
-
5.0
10.0
20.0
100
-
-
-
-
150
300
600
3000
-
-
-
-
5.0
10
20
100
µA
IOL
Minimum Output
Low (Sink) Current
VI = VSS or VDD
VOL = 0.4 V
VOL = 0.5 V
VOL = 1.5 V
5.0
10
15
0.64
1.6
4.2
-
-
-
0.36
0.9
2.4
-
-
-
0.51
1.3
3.4
-
-
-
mA
IOH
Minimum Output
High (Source)
Current
VI = VSS or VDD
VOH = 2.5 V
VOH = 4.6 V
VOH = 9.5 V
VOH = 13.5 V
5.0
5.0
10
15
-2.0
-0.64
-1.6
-4.2
-
-
-
-
-1.15
-0.36
-0.9
-2.4
-
-
-
-
-1.6
-0.51
-1.3
-3.4
-
-
-
-
mA
CIN
Maximum Input
Capacitance
-
-
-
-
-
-
7.5
pF
3


Similar Part No. - KK4006B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4001B KODENSHI-KK4001B Datasheet
219Kb / 5P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
KK4002B KODENSHI-KK4002B Datasheet
222Kb / 5P
   Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
KK4002BD KODENSHI-KK4002BD Datasheet
222Kb / 5P
   Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
KK4002BN KODENSHI-KK4002BN Datasheet
222Kb / 5P
   Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
ZHEJIANG HUAJING RECTIF...
KK400A HUAJING-KK400A Datasheet
219Kb / 3P
   Fast Turn-off Thyhristor
More results

Similar Description - KK4006B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4006B STMICROELECTRONICS-HCC4006B Datasheet
260Kb / 11P
   18-STAGE STATIC SHIFT REGISTER
logo
NXP Semiconductors
HEF4006B PHILIPS-HEF4006B Datasheet
53Kb / 5P
   18-stage static shift register
January 1995
logo
National Semiconductor ...
CD4006BC NSC-CD4006BC Datasheet
112Kb / 6P
   18-Stage Static Shift Register
logo
STMicroelectronics
HCF4006B STMICROELECTRONICS-HCF4006B Datasheet
179Kb / 8P
   18-STAGE STATIC SHIFT REGISTER
logo
Texas Instruments
CD4006B TI-CD4006B Datasheet
217Kb / 5P
[Old version datasheet]   CMOS 18-STAGE STATIC SHIFT REGISTER
CD4006BE TI-CD4006BE Datasheet
368Kb / 8P
[Old version datasheet]   CMOS 18-Stage Static Shift Register
logo
National Semiconductor ...
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
   64-Stage Static Shift Register
logo
STMicroelectronics
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
   64-STAGE STATIC SHIFT REGISTER
logo
National Semiconductor ...
CD4014BM NSC-CD4014BM Datasheet
142Kb / 6P
   8-Stage Static Shift Register
logo
Fairchild Semiconductor
CD4021BC FAIRCHILD-CD4021BC_02 Datasheet
77Kb / 7P
   8-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com