Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP58C20 Datasheet(PDF) 9 Page - Texas Instruments

Part # MSP58C20
Description  AUDIO-BAND CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP58C20 Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP58C20 Datasheet HTML 5Page - Texas Instruments MSP58C20 Datasheet HTML 6Page - Texas Instruments MSP58C20 Datasheet HTML 7Page - Texas Instruments MSP58C20 Datasheet HTML 8Page - Texas Instruments MSP58C20 Datasheet HTML 9Page - Texas Instruments MSP58C20 Datasheet HTML 10Page - Texas Instruments MSP58C20 Datasheet HTML 11Page - Texas Instruments MSP58C20 Datasheet HTML 12Page - Texas Instruments MSP58C20 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MSP58C20
AUDIO-BAND CONVERTER
SPSS015B – DECEMBER 1993 – REVISED JULY 1996
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
The receive characteristics in the electrical characteristics table are measured by activating the MSP58C20 receive
path through a digital modulator. This modulator consists of two functional blocks (see Figure 1 and Figure 2)
connected in series. The output of the decoder (see Figure 2) is shown in Table 1.
Z –1
BITS (16 –1)
/
16
/
16
/
13 MSBs
3
/
Di
Em
3
/
+
3 LSBs
Figure 1. 16- to 13-Bit Modulator at 512-kHz Sampling Rate
Di
Z –1
Dx
Decoder
Z –1
DIGS
DIGL
13
/
16
/
11
/
12
/
4 MSBs
/
12
/
3
/
16
/
16
/
3
/
Ux
Vx
512 kHz
Dx
Sx
Rx
16
1/ 32
64
2048
+
+
+
+
12
512 kHz
Figure 2. Sigma-Delta-2 Modulator at 512-kHz Sampling Rate
Table 1. Dx Decoder
DECODER INPUT
DECODER OUTPUT
Vx (11)
Vx (10)
Vx (9)
Vx (8)
Dx (2)
Dx (1)
Dx (0)
DIGS
DIGL
0
1
X
X
H
H
L
L
H
0
0
1
X
H
H
L
L
H
0
0
0
1
H
H
L
L
H
0
0
0
0
H
H
H
L
L
1
1
1
1
L
L
H
H
L
1
1
1
0
L
H
L
H
H
1
1
0
X
L
H
L
H
H
1
0
X
X
L
H
L
H
H


Similar Part No. - MSP58C20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP58C20 TI1-MSP58C20 Datasheet
541Kb / 19P
[Old version datasheet]   AUDIO-BAND CONVERTER
MSP58C20DW TI1-MSP58C20DW Datasheet
541Kb / 19P
[Old version datasheet]   AUDIO-BAND CONVERTER
MSP58C20DWR TI1-MSP58C20DWR Datasheet
541Kb / 19P
[Old version datasheet]   AUDIO-BAND CONVERTER
MSP58C20S1DW TI1-MSP58C20S1DW Datasheet
541Kb / 19P
[Old version datasheet]   AUDIO-BAND CONVERTER
MSP58C20S2DW TI1-MSP58C20S2DW Datasheet
541Kb / 19P
[Old version datasheet]   AUDIO-BAND CONVERTER
More results

Similar Description - MSP58C20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP58C20 TI1-MSP58C20_16 Datasheet
541Kb / 19P
[Old version datasheet]   AUDIO-BAND CONVERTER
TWL1103TPBSQ1 TI-TWL1103TPBSQ1 Datasheet
404Kb / 10P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
logo
CML Microcircuits
CMX7031 CMLMICRO-CMX7031 Datasheet
3Mb / 82P
   Full Audio-band Processing
logo
Texas Instruments
TWL1101 TI-TWL1101 Datasheet
408Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
logo
CML Microcircuits
CMX7011 CMLMICRO-CMX7011 Datasheet
1Mb / 33P
   Embedded audio-band modem
logo
Texas Instruments
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
logo
STMicroelectronics
TDA7418 STMICROELECTRONICS-TDA7418 Datasheet
383Kb / 29P
   3 Band car audio procesor
logo
Texas Instruments
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1109 TI-TWL1109 Datasheet
369Kb / 27P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1106 TI1-TWL1106 Datasheet
266Kb / 19P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com