Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3101N Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3101N
Description  Secondary-Side PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101N Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3101N Datasheet HTML 5Page - National Semiconductor (TI) LM3101N Datasheet HTML 6Page - National Semiconductor (TI) LM3101N Datasheet HTML 7Page - National Semiconductor (TI) LM3101N Datasheet HTML 8Page - National Semiconductor (TI) LM3101N Datasheet HTML 9Page - National Semiconductor (TI) LM3101N Datasheet HTML 10Page - National Semiconductor (TI) LM3101N Datasheet HTML 11Page - National Semiconductor (TI) LM3101N Datasheet HTML 12Page - National Semiconductor (TI) LM3101N Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Functional Description (Continued)
Frequency-Shift Circuit
The LM3101 has the ability to gradually reduce its operating
frequency during an output short circuit The amount that
the frequency shifts and the output voltage threshold deter-
mining where the frequency starts to shift are both pro-
grammed by two external resistors RSC1 and RSC2 con-
nected to the pin RSC (pin 5)
A simplified internal schematic of the Frequency Shift Circuit
is shown in
Figure 2 The oscillator operates at its nominal
frequency as long as the voltage at the emitter of the tran-
sistor Q2 is higher than the internal reference voltage VREF
Q2 emitter voltage is the output voltage VOUT scaled down
by the resistor divider
VRSC e VQ2E e VOUT  RSC2 (RSC1 a RSC2)
V X
where VQ2 l VREF (124V) for normal operation
If VOUT drops due to an overload a current starts to flow
through Q2 A cascoded current mirror causes one-tenth of
this current to be subtracted from the timing capacitor
charge current Reducing the timing capacitor charge cur-
rent results in decreasing the oscillator frequency The
breakpoint where the frequency-shift starts is programmed
by the ratio of the two resistors
VOUT(SC) e 124V  1 a (RSC1 RSC2)
V X
The typical short circuit frequency is set by the following
equations
FSC e IOSC b 01  ((124V b VOUT(SC))RSC1) a
(124VRSC2)
1(20 pF
 124V)
kHz mA V X
where
IOSC e 025  (124VRT)
For example say 140 kX and 100 kX were selected for
RSC1 and RSC2 respectively with RT set to 25 kX Then
the output voltage level where the frequency starts to decay
is
VOUT(CL) e 124V  1 a (140 kX 100 kX) j 30V
and the short circuit frequency is (IOSC e 124 mA and as-
suming VOUT is 0V during a short circuit)
FSC e 124 mA b 01  (124V140 kX) a (124V100
kX)
1(20 pF
 124V) e 4143 kHz j 415 kHz
If RSC2 is omitted the frequency starts to shift when VOUT
drops below VREF The short circuit frequency equation
then becomes
FSC e (120 pF)  (0267RT) b (009RSC1)
kHz X
v
RSC1 e 009 (0267RT) b (FSC  20 pF)
X
kHz
Selecting a short-circuit frequency that is greater than one-
third the operating frequency or 188 kHz leads to a resistor
value of
RSC1 e 009 (026725 kX) b (188 kHz  20 pF) e 13 kX
Mode Control
The LM3101 can operate in voltage mode current mode or
charge mode control Two multi-function pins are involved in
setting the operating mode the Mode Control pin (MC - pin
2) and the Current Mode Input pin (CMI - pin 6)
Figure 3
shows the simplified schematic diagram of the mode control
circuit To operate with voltage mode control the MC pin is
pulled high with a resistor (typically 3 kX) and the CMI pin is
connected to ground The mode comparator senses the MC
pin voltage and sets the mode control multiplexer to voltage
mode control Notice that there is a 56V zener diode clamp-
ing the MC pin voltage
TLH11436 – 8
FIGURE 3 Simplified Version
of the Mode Control Circuit
TLH11436 – 9
FIGURE 4 Current Mode Sense Circuit
9


Similar Part No. - LM3101N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM310 NSC-LM310 Datasheet
348Kb / 16P
   Voltage Follower
logo
Intersil Corporation
LM310 INTERSIL-LM310 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
More results

Similar Description - LM3101N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
   Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
NCP4328 ONSEMI-NCP4328 Datasheet
141Kb / 10P
   Secondary Side CV/CC Controller
May, 2013 ??Rev. 0
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Renesas Technology Corp
IW600 RENESAS-IW600 Datasheet
453Kb / 6P
   Secondary-Side Voltage Positioning Controller
09-Feb-2022
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
ON Semiconductor
NCP4328 ONSEMI-NCP4328_15 Datasheet
96Kb / 10P
   Secondary Side CV/CC Controller
July, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com