Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD66789 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD66789
Description  528-channel, One-chip Driver for Amorphous TFT Panels with 262,144-color display RAM, Power Supply Circuit, and Gate Circuit
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD66789 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD66789 Datasheet HTML 7Page - Renesas Technology Corp HD66789 Datasheet HTML 8Page - Renesas Technology Corp HD66789 Datasheet HTML 9Page - Renesas Technology Corp HD66789 Datasheet HTML 10Page - Renesas Technology Corp HD66789 Datasheet HTML 11Page - Renesas Technology Corp HD66789 Datasheet HTML 12Page - Renesas Technology Corp HD66789 Datasheet HTML 13Page - Renesas Technology Corp HD66789 Datasheet HTML 14Page - Renesas Technology Corp HD66789 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 156 page
background image
HD66789
Preliminary
Rev.0.12, May 09 2003, page 11 of 156
Signals
Number
of Pins
I/O
Connected
to
Functions
VcomR
1
I
Variable
resistor or
open
Reference voltage for VcomH.
When adjusting VcomH externally, VcomH internal adjusting
circuit must be halted by register setting and place a variable
resistor between VREG1OUT and GND to make an adjustment.
Otherwise, leave open and adjust VcomH by internal register
setting.
VcomH
1
O
Stabilizing
capacitor
High level of Vcom during Vcom AC drive. Connect to a
stabilizing capacitor.
VcomL
1
O
Stabilizing
capacitor
or open
Vcom voltage when Vcom AC drive is not selected.
Low level of Vcom during Vcom AC drive. Voltage can be
adjusted with internal registers. Connect to a stabilizing
capacitor. When VCOMG bit is set to LOW, a stabilizing
capacitor is not necessary because VcomL output is halted.
C11+, C11-
2
-
Step-up
capacitor
Step-up capacitor connection pins for step-up circuit 1. When
the internal step-up circuit is not used, leave open.
C12+, C12-
C21+, C21-
C22+, C22-
6
-
Step-up
capacitor
Step-up capacitor connection pins for step-up circuit 2.
Capacitor connection will be necessary depending on the step-
up scale. When the internal step-up circuit is not used, leave
open.
OSC1, OSC2
2
I or O
Resistor for
the
oscillator
Connect an external resistor for R-C oscillation. When supplying
clock signals externally, it must be supplied through OSC1 and
leave OSC2 open.
FLM
1
O
MPU or
open
Frame head pulse with amplitude between GND and Vcc.
Use when writing data to RAM in synchronization with FLM.
When FLM is not used, leave open.
Vci
1
I
Power
supply
Power supply for analogue circuits.
In this case, a power supply for the VciOUT amplifier. Connect
an external power supply of 2.5~3.3V.
VciLVL
1
I
Power
supply
Generates a reference voltage (VciOUT, REGP) in accordance
to the ratio set with VC2~0 registers.
Connect to the same power supply as the Vci, which has
separate wiring from the VciLVL on the FPC.
REGP
1
I/O
Test pin
Test pin for VREG1OUT. Leave open.
VciOUT
1
I
Stabilizing
capacitor,
Vci1
Internal reference voltage with amplitude between Vci and GND.
Set with VC bit.
Vci1
1
I
VciOUT
Reference voltage for the step-up circuit 1.
Connect to an external power supply of 2.75V or less when the
internal reference voltage is not used.
VLOUT1
1
O
Stabilizing
capacitor,
DDVDH
Output twice stepped-up Vci1 voltage from the step-up circuit 1.
Connect to a stabilizing capacitor. VLOUT1 = 4.0~5.5V
DDVDH
1
I
VLOUT1
Power supply for source driver liquid crystal output portion. A
reference voltage for the step-up circuit 2.


Similar Part No. - HD66789

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66780FH HITACHI-HD66780FH Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66780FS HITACHI-HD66780FS Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
logo
Renesas Technology Corp
HD66781 RENESAS-HD66781 Datasheet
2Mb / 196P
   720-channel Source Driver for a-Si TFT/Low Temperature Poly-Si TFT Panels with 262,144-color display RAM
HD66787 RENESAS-HD66787 Datasheet
1Mb / 159P
   528-channel, One-chip Driver with 262,144-color Display RAM and Power Supply Circuit for Low-temperature Poli-Si TFT (LTPS-TFT) Panels with Incorporat
More results

Similar Description - HD66789

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD66787 RENESAS-HD66787 Datasheet
1Mb / 159P
   528-channel, One-chip Driver with 262,144-color Display RAM and Power Supply Circuit for Low-temperature Poli-Si TFT (LTPS-TFT) Panels with Incorporat
logo
List of Unclassifed Man...
SPFD54126B ETC2-SPFD54126B Datasheet
2Mb / 232P
   528-CHANNEL DRIVER WITH SYSTEM-ON-CHIP (SOC) FOR COLOR AMORPHOUS TFT LCD
logo
Renesas Technology Corp
HD66781 RENESAS-HD66781 Datasheet
2Mb / 196P
   720-channel Source Driver for a-Si TFT/Low Temperature Poly-Si TFT Panels with 262,144-color display RAM
logo
List of Unclassifed Man...
OTM8009A ETC1-OTM8009A Datasheet
12Mb / 318P
   1140-channel 8-bit Source Driver and 864 Gate Driver with System-on-chip for Color Amorphous TFT-LCDs
logo
NEC
UPD161623 NEC-UPD161623 Datasheet
536Kb / 83P
   528 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
logo
Toshiba Semiconductor
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
   Gate Driver for TFT LCD Panels
T6LE2 TOSHIBA-T6LE2 Datasheet
198Kb / 12P
   Gate Driver for TFT LCD Panels
logo
Renesas Technology Corp
HD66773R RENESAS-HD66773R Datasheet
1Mb / 133P
   262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
logo
Global Mixed-mode Techn...
G2511 GMT-G2511 Datasheet
131Kb / 2P
   Power Supply for TFT-LCD Panels with 6-Channel White LED Driver
G2500 GMT-G2500 Datasheet
130Kb / 2P
   Integrated Power Supply for TFT-LCD Panels with 1-Channel White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com