Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD66789 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # HD66789
Description  528-channel, One-chip Driver for Amorphous TFT Panels with 262,144-color display RAM, Power Supply Circuit, and Gate Circuit
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD66789 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button HD66789 Datasheet HTML 89Page - Renesas Technology Corp HD66789 Datasheet HTML 90Page - Renesas Technology Corp HD66789 Datasheet HTML 91Page - Renesas Technology Corp HD66789 Datasheet HTML 92Page - Renesas Technology Corp HD66789 Datasheet HTML 93Page - Renesas Technology Corp HD66789 Datasheet HTML 94Page - Renesas Technology Corp HD66789 Datasheet HTML 95Page - Renesas Technology Corp HD66789 Datasheet HTML 96Page - Renesas Technology Corp HD66789 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 156 page
background image
HD66789
Preliminary
Rev.0.12, May 09 2003, page 93 of 156
VSYNC
ENABLE
DOTCLK
PD17-0
Transfer synchronization
2nd
Trans-
mission
1st
Trans-
mission
2nd
Trans-
mission
3rd
Trans-
mission
1st
Trans-
mission
2nd
Trans-
mission
3rd
Trans-
mission
6-bit data transmission synchronization
16-bit RGB interface
The 16-bit RGB interface is selected by setting RIM1-0 bits to 01. The display operation is synchronized
with VSYNC, HSYNC, and DOTCLK signals. Display data are transmitted to RAM in synchronization
with the display operation through 16-bit RGB data bus (PD17-13, 11-1) according to the data valid signal
(VLD), and the data enable signal (ENABLE).
The instructions are set only through a system interface.
LCDC
VSYNC
HSYNC
DOTCLK
C
VLD
ENABLE
HD66789
16
PD17-13,11- 1
2
GND
PD12,0
16-bit RGB interface
Input
R5
R4
R3
R2
R1
R0
G5
G4
G3
G2
G1
G0
B5
B4
B2
B1
B0
B3
Write data to
GRAM
One pixel
PD
17
PD
16
PD
15
PD
14
PD
13
PD
11
PD
10
PD
9
PD
8
PD
7
PD
6
PD
5
PD
4
PD
3
PD
2
PD
1
RAM data Write
Data format for 16-bit interface


Similar Part No. - HD66789

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66780FH HITACHI-HD66780FH Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66780FS HITACHI-HD66780FS Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
logo
Renesas Technology Corp
HD66781 RENESAS-HD66781 Datasheet
2Mb / 196P
   720-channel Source Driver for a-Si TFT/Low Temperature Poly-Si TFT Panels with 262,144-color display RAM
HD66787 RENESAS-HD66787 Datasheet
1Mb / 159P
   528-channel, One-chip Driver with 262,144-color Display RAM and Power Supply Circuit for Low-temperature Poli-Si TFT (LTPS-TFT) Panels with Incorporat
More results

Similar Description - HD66789

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD66787 RENESAS-HD66787 Datasheet
1Mb / 159P
   528-channel, One-chip Driver with 262,144-color Display RAM and Power Supply Circuit for Low-temperature Poli-Si TFT (LTPS-TFT) Panels with Incorporat
logo
List of Unclassifed Man...
SPFD54126B ETC2-SPFD54126B Datasheet
2Mb / 232P
   528-CHANNEL DRIVER WITH SYSTEM-ON-CHIP (SOC) FOR COLOR AMORPHOUS TFT LCD
logo
Renesas Technology Corp
HD66781 RENESAS-HD66781 Datasheet
2Mb / 196P
   720-channel Source Driver for a-Si TFT/Low Temperature Poly-Si TFT Panels with 262,144-color display RAM
logo
List of Unclassifed Man...
OTM8009A ETC1-OTM8009A Datasheet
12Mb / 318P
   1140-channel 8-bit Source Driver and 864 Gate Driver with System-on-chip for Color Amorphous TFT-LCDs
logo
NEC
UPD161623 NEC-UPD161623 Datasheet
536Kb / 83P
   528 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
logo
Toshiba Semiconductor
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
   Gate Driver for TFT LCD Panels
T6LE2 TOSHIBA-T6LE2 Datasheet
198Kb / 12P
   Gate Driver for TFT LCD Panels
logo
Renesas Technology Corp
HD66773R RENESAS-HD66773R Datasheet
1Mb / 133P
   262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
logo
Global Mixed-mode Techn...
G2511 GMT-G2511 Datasheet
131Kb / 2P
   Power Supply for TFT-LCD Panels with 6-Channel White LED Driver
G2500 GMT-G2500 Datasheet
130Kb / 2P
   Integrated Power Supply for TFT-LCD Panels with 1-Channel White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com