Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD66789 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # HD66789
Description  528-channel, One-chip Driver for Amorphous TFT Panels with 262,144-color display RAM, Power Supply Circuit, and Gate Circuit
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD66789 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button HD66789 Datasheet HTML 87Page - Renesas Technology Corp HD66789 Datasheet HTML 88Page - Renesas Technology Corp HD66789 Datasheet HTML 89Page - Renesas Technology Corp HD66789 Datasheet HTML 90Page - Renesas Technology Corp HD66789 Datasheet HTML 91Page - Renesas Technology Corp HD66789 Datasheet HTML 92Page - Renesas Technology Corp HD66789 Datasheet HTML 93Page - Renesas Technology Corp HD66789 Datasheet HTML 94Page - Renesas Technology Corp HD66789 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 156 page
background image
HD66789
Preliminary
Rev.0.12, May 09 2003, page 91 of 156
Moving picture display
The HD66789 incorporates the RGB interface to display moving pictures and RAM to store display data,
which provides the following merits in displaying moving pictures.
The window address function enables the transfer of only data for the moving picture area.
The high-speed write mode enables high-speed access to RAM with low power consumption
Only transmitting data that are written over the moving picture area.
Reduced transmission contributes to the reduction of power consumption of the entire system.
In combination with a system interface, the still picture area, such as an icon, can be updated while
displaying moving pictures.
RAM access through system interface in RGB-I/F mode
RAM is accessible through a system interface in the RGB-I/F mode. In the RGB interface mode, data are
being written to RAM in synchronization with the DOTCLK input while the ENABLE is “Low”. When
writing data to RAM through the system interface, it is necessary to set ENABLE to “High” to stop data
write through the RGB-I/F. Setting RM = 0 allows RAM access through the system interface. When
reverting to the RGB interface mode, wait a write/read bus cycle. Then, set RM = 1 and the index to R22h
to start RAM access though the RGB-I/F. When the RAM writes through the RGB and system interface
conflicts, it is not guaranteed that the data are properly written to RAM.
The following is an example of moving picture display through the RGB-I/F and updating still picture area
through the system interface.
Moving picture area
2001/01/01 00:00
Still picture area
VSYNC
ENABLE
DOTCLK
PD17-0
Updating moving
picture area
Updating moving
picture area
Updating of still picture area
* Note 1
Index set
System interface
Updating screen
Updating screen
Index
R22
RM=0
Setting
of
address
Index
R22
Updating of area
other than moving
picture area
RM=1
Setting
of
address
Index
R22
*Note 2
Note 1) In the RGB interface mode, the address is set at every falling edge of VSYNC.
Note 2) Set the address and the index (R22h) before RAM access starts through the RGB interface mode.
Note 3) In the RGB interface mode write data in the high-speed write mode (HWM = 1).
Updating Still Picture Area during Displaying Moving Picture


Similar Part No. - HD66789

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66780FH HITACHI-HD66780FH Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66780FS HITACHI-HD66780FS Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
logo
Renesas Technology Corp
HD66781 RENESAS-HD66781 Datasheet
2Mb / 196P
   720-channel Source Driver for a-Si TFT/Low Temperature Poly-Si TFT Panels with 262,144-color display RAM
HD66787 RENESAS-HD66787 Datasheet
1Mb / 159P
   528-channel, One-chip Driver with 262,144-color Display RAM and Power Supply Circuit for Low-temperature Poli-Si TFT (LTPS-TFT) Panels with Incorporat
More results

Similar Description - HD66789

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD66787 RENESAS-HD66787 Datasheet
1Mb / 159P
   528-channel, One-chip Driver with 262,144-color Display RAM and Power Supply Circuit for Low-temperature Poli-Si TFT (LTPS-TFT) Panels with Incorporat
logo
List of Unclassifed Man...
SPFD54126B ETC2-SPFD54126B Datasheet
2Mb / 232P
   528-CHANNEL DRIVER WITH SYSTEM-ON-CHIP (SOC) FOR COLOR AMORPHOUS TFT LCD
logo
Renesas Technology Corp
HD66781 RENESAS-HD66781 Datasheet
2Mb / 196P
   720-channel Source Driver for a-Si TFT/Low Temperature Poly-Si TFT Panels with 262,144-color display RAM
logo
List of Unclassifed Man...
OTM8009A ETC1-OTM8009A Datasheet
12Mb / 318P
   1140-channel 8-bit Source Driver and 864 Gate Driver with System-on-chip for Color Amorphous TFT-LCDs
logo
NEC
UPD161623 NEC-UPD161623 Datasheet
536Kb / 83P
   528 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
logo
Toshiba Semiconductor
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
   Gate Driver for TFT LCD Panels
T6LE2 TOSHIBA-T6LE2 Datasheet
198Kb / 12P
   Gate Driver for TFT LCD Panels
logo
Renesas Technology Corp
HD66773R RENESAS-HD66773R Datasheet
1Mb / 133P
   262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
logo
Global Mixed-mode Techn...
G2511 GMT-G2511 Datasheet
131Kb / 2P
   Power Supply for TFT-LCD Panels with 6-Channel White LED Driver
G2500 GMT-G2500 Datasheet
130Kb / 2P
   Integrated Power Supply for TFT-LCD Panels with 1-Channel White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com