Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74LV240DW Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74LV240DW
Description  OCTAL BUFFER/LINE DRIVE; 3-STATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74LV240DW Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74LV240DW Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74LV240DW Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74LV240DW Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74LV240DW Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74LV240DW Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
KK74LV240
OCTAL BUFFER/LINE DRIVE; 3-STATE
The
KK74LV240 is a low-voltage Si-gate CMOS device and is pin and
function compatible with
KK74HC/HCT240.
The
KK74LV240 is an octal non-inverting buffer/line driver with 3-state
outputs. The 3-state outputs are controlled by the output enable inputs 1OE
and 2OE. A HIGH on nOE causes the outputs to assume a high impedance
OFF-state.
The
KK74LV240 is identical to the KK74LV244 but has inverting
outputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 1.2 to 3.6 V
• Low Input Current: 1.0 µA, 0.1 µА at Т = 25 °С
• Output Current: 8 mA at VCC = 3.0 V
• High Noise Immunity Characteristic of CMOS Devices
N SUFFIX
PLASTIC DIP
DW SUFFIX
SO
1
20
1
20
ORDERING INFORMATION
KK74LV240N
Plastic
KK74LV240DW
SOIC
TA = -40° to 125° C for all packages
FUNCTION TABLE
Input
Output
nOE
nAn
nYn
L
L
H
L
H
L
H
X
Z
H= high level
L = low level
X = don’t care
Z = high impedance
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
2
11
6
15
4
13
8
17
1
19
1A0
1Y0
2A0
2Y0
1A2
1Y2
2A0
2Y0
1A1
1Y1
2A1
2Y1
1A3
1Y3
2A1
2Y1
1OE
2OE
18
9
14
5
16
7
12
3
DATA
INPUTS
INVERTING
OUTPUTS
OUTPUT
ENABLES
PIN ASSIGNMENT
1
2
3
5
4
6
7
8
9
10
VCC
20
18
17
16
15
14
19
11
12
13
GND
2OE
1OE
1A0
2Y3
1A1
2Y2
1A2
2Y1
1A3
2Y0
1Y0
2A3
1Y1
2A2
1Y2
2A1
1Y3
2A0
1


Similar Part No. - KK74LV240DW

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LV24 KODENSHI-KK74LV24 Datasheet
270Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
KK74LV241 KODENSHI-KK74LV241 Datasheet
271Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
KK74LV241DW KODENSHI-KK74LV241DW Datasheet
271Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
KK74LV241N KODENSHI-KK74LV241N Datasheet
271Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
KK74LV244 KODENSHI-KK74LV244 Datasheet
270Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
More results

Similar Description - KK74LV240DW

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV240 INTEGRAL-IN74LV240 Datasheet
44Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
logo
System Logic Semiconduc...
LV244 SLS-LV244 Datasheet
37Kb / 4P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
logo
KODENSHI_AUK CORP.
KK74LV241 KODENSHI-KK74LV241 Datasheet
271Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
logo
Integral Corp.
IN74LV241 INTEGRAL-IN74LV241 Datasheet
43Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
logo
KODENSHI_AUK CORP.
KK74LV244 KODENSHI-KK74LV244 Datasheet
270Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
logo
Texas Instruments
CD54AC540 TI-CD54AC540_08 Datasheet
665Kb / 15P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com