Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74LV164D Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74LV164D
Description  8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74LV164D Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74LV164D Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74LV164D Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74LV164D Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74LV164D Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74LV164D Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74LV164D Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KK74LV164
AC ELECTRICAL CHARACTERISTICS (CL=50 pF, tr=tf= 2.5 ns, RL = 1 kΩ)
Test
VCC
Guaranteed Limit
Symbol
Parameter
conditions
V
25
°C to -40°C
85
°C
125
°C
Unit
min
max
min
max
min
max
tPHL, tPLH Propagation delay , CP to
Qn
VI = 0 V or V1
Figure 1 and 4
1.2
2.0
2.7
3.0
4.5
-
-
-
-
-
150
30
23
18
15
-
-
-
-
-
180
39
29
23
19
-
-
-
-
-
210
49
36
29
24
ns
tPHL
Propagation delay , MR to
Qn
VI = 0 V or V1
Figure 1 and 4
1.2
2.0
2.7
3.0
4.5
-
-
-
-
-
150
30
23
18
15
-
-
-
-
-
180
39
29
23
19
-
-
-
-
-
210
49
36
29
24
ns
tw
Pulse Width, CP or MR
VI = 0 V or V1
Figure 1
1.2
2.0
2.7
3.0
4.5
100
28
21
17
14
-
-
-
-
-
130
34
25
20
17
-
-
-
-
-
160
41
30
24
20
-
-
-
-
-
ns
tsu
Setup Time, DSA or DSB
to CP
VI = 0 V or V1
Figure 3
1.2
2.0
2.7
3.0
4.5
60
19
13
11
9
-
-
-
-
-
80
22
16
13
11
-
-
-
-
-
100
26
19
15
13
-
-
-
-
-
ns
th
Hold Time, DSA or DSB
to CP
VI = 0 V or V1
Figure 3
1.2
2.0
2.7
3.0
4.5
50
5
5
5
5
-
-
-
-
-
50
5
5
5
5
-
-
-
-
-
50
5
5
5
5
-
-
-
-
-
ns
trec
Recovery Time, MR to CP VI = 0 V or V1
Figure 2
1.2
2.0
2.7
3.0
4.5
70
15
11
9
8
-
-
-
-
-
100
19
14
11
10
-
-
-
-
-
130
24
18
14
12
-
-
-
-
-
ns
fmax
Clock Frequency
VI = 0 V or V1
Figure 1 and 4
1.2
2.0
2.7
3.0
4.5
-
-
-
-
-
2
16
22
27
32
-
-
-
-
-
1
14
19
24
27
-
-
-
-
-
1
12
16
20
24
MHz
CI
Input capacitance
5.0
-
7.0
-
-
-
-
pF
CPD
Power dissipation
capacitance
VI = 0 V or VCC
5.5
-
80
-
-
-
-
pF
4


Similar Part No. - KK74LV164D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
KK74LV138D KODENSHI-KK74LV138D Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
KK74LV138N KODENSHI-KK74LV138N Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
KK74LV139 KODENSHI-KK74LV139 Datasheet
387Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
KK74LV139D KODENSHI-KK74LV139D Datasheet
387Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
More results

Similar Description - KK74LV164D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com