Electronic Components Datasheet Search |
|
KK74LV138 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP. |
|
KK74LV138 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP. |
2 / 6 page KK74LV138 MAXIMUM RATINGS * Symbol Parameter Value Conditions Uni t VCC DC supply voltage -0.5 to +7.0 V IIK DC input diode current ±20 VI< - 0.5 or VI> Vcc+0.5V mA IOK DC output diode current ±50 VO< - 0.5 or VO> Vcc+0.5V mA IO DC output source or sink current ±25 -0.5В<Vo<Vcc+0.5B mA ICC DC VCC or GND current for types with standard outputs ±50 mA Tstg Storage Temperature -65 to +150 °C PD Power Dissipation per package Plastic DIP+ SOIC Package+ 750 500 mW TL Lead temperature, 1.5 mm from Case for 4 seconds (Plastic DIP ), 0.3 mm (SOIC Package) 260 °C * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 12 mW/ °C from 70° to 125°C SOIC Package: : - 8 mW/ °C from 70° to 125°C RECOMMENDED OPERATING CONDITIONS Symbol Parameter Min Max Unit VCC DC supply voltage 1.0 5.5 V VIN, DC input voltage, 0 VCC V VO DC output voltage 0 VCC V TA Operating ambient temperature range in free air -40 +125 °C tr, tf Input rise and fall times except for Schmitt-trigger inputs Vcc= 1.0 ÷ 2.0В Vcc= 2.0 ÷ 2.7В Vcc= 2.7 ÷ 3.6В Vcc= 3.6 ÷ 5.5В 0 0 0 500 200 100 50 ns/B This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or VOUT)≤VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. 2 |
Similar Part No. - KK74LV138 |
|
Similar Description - KK74LV138 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |