Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74LV138 Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74LV138
Description  3-to-8 line decoder/demultiplexer; inverting
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74LV138 Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74LV138 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74LV138 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74LV138 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74LV138 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74LV138 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74LV138 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KK74LV138
AC ELECTRICAL CHARACTERISTICS (CL=50 pF, tLH = tHL = 2.5 nc, VIL=0B, VIH=VCC)
Symbol
Parameter
VCC
Guaranteed Limit
Unit
V
25
°C
от -40
°C to
85
°C
от -40
°C to
125
°C
min
max
min
max
min
max
tPLH, tPHL Propagation delay,
input A to output Y
(Figures 1)
1.2
2.0
2.7
3.0
4.5
-
150
33
23
19
14
-
150
36
26
21
16
-
180
44
33
26
20
ns
tPLH, tPHL Propagation delay ,
CS1 to
output Y
(Figures 2)
1.2
2.0
2.7
3.0
4.5
-
170
35
26
21
17
-
170
39
29
23
19
-
200
49
36
29
24
ns
tPLH, tPHL Output transition
time, CS2 or CS3 to
output Y (Figures 3)
-
170
35
26
21
17
-
170
39
29
23
19
-
200
49
36
29
24
ns
CIN
Input capacitance
5.0
Т=+25 оС
7.0
pF
Power dissipation capacitance (per enabled
output)
Typical @25
°C,VCC=5.5 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+ICCVCC
90
pF
INPUT
A
GND
OUTPUT
Y
t
PHL
t
PLH
Vcc
50%
50%
INPUT
CS1
GND
OUTPUT
Y
t
PHL
t
PLH
Vcc
90%
90%
50%
10%
10%
50%
t
r
t
f
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
4


Similar Part No. - KK74LV138

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LV139 KODENSHI-KK74LV139 Datasheet
387Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
KK74LV139D KODENSHI-KK74LV139D Datasheet
387Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
KK74LV139N KODENSHI-KK74LV139N Datasheet
387Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
More results

Similar Description - KK74LV138

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
logo
NXP Semiconductors
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74HC138D NXP-74HC138D Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com