Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74LV14D Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK74LV14D
Description  Hex Schmitt-Trigger Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74LV14D Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK74LV14D Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74LV14D Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74LV14D Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74LV14D Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74LV14D Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74LV14D Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KK74LV14
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC supply voltage (Referenced to GND)
-0.5
÷ +7.0
V
IIK*
1
DC input diode current
±20
mA
IOK*
2
DC output diode current
±50
mA
Io*3
DC output source or sink current
-bus driver outputs
±25
mA
IGND
DC GND current for types with
- bus driver outputs
±50
mA
ICC
DC VCC current for types with
- bus driver outputs
±50
mA
PD
Power dissipation per paskade, plastic DIP+
SOIC package+
750
500
mW
Tstg
Storage temperature
-65
÷ +150
°C
TL
Lead temperature, 1.5 mm from Case for 10 seconds
(Plastic DIP ), 0.3 mm (SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 12 mW/
°C from 70° to 125°C
SOIC Package: : - 8 mW/
°C from 70° to 125°C
*1: VI < -0.5V or VI > VCC+0.5V
*2: Vo
< -0.5V or Vo > VCC+0.5V
*3: -0.5V
< Vo < VCC+0.5V
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
1.0
5.5
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-40
+125
°C
tr, tf
Input Rise and Fall Time
1.0 V
≤VCC <2.0 V
2.0 V
≤VCC <2.7 V
2.7 V
≤VCC <3.6 V
3.6 V
≤VCC ≤5.5 V
0
0
0
0
500
200
100
50
ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2


Similar Part No. - KK74LV14D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
KK74LV138D KODENSHI-KK74LV138D Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
KK74LV138N KODENSHI-KK74LV138N Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
KK74LV139 KODENSHI-KK74LV139 Datasheet
387Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
KK74LV139D KODENSHI-KK74LV139D Datasheet
387Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
More results

Similar Description - KK74LV14D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com