Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74LS138N Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KK74LS138N
Description  3-to-8-Line Decoder/Demultiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74LS138N Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KK74LS138N Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74LS138N Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74LS138N Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74LS138N Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KK74LS138
AC ELECTRICAL CHARACTERISTICS (TA=25°C, VCC = 5.0 V, CL = 15 pF, RL = 2 kΩ, tr =15
ns, tf = 6.0 ns)
Symbol
Parameter
Level
Min
Max
Unit
tPLH
Maximum Propagation Delay, Input A to
Output Y
2
20
ns
tPHL
Maximum Propagation Delay, Input A to
Output Y
41
ns
tPLH
Maximum Propagation Delay, Input A to
Output Y
3
27
ns
tPHL
Maximum Propagation Delay, Input A to
Output Y
39
ns
tPLH
Maximum Propagation Delay , CS1 to
Output Y
3
26
ns
tPHL
Maximum Propagation Delay , CS1 to
Output Y
38
ns
tPLH
Maximum Output Transition Time , CS2 or
CS3 to Output Y
2
18
ns
tPHL
Maximum Output Transition Time , CS2 or
CS3 to Output Y
32
ns
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
NOTES A. CL includes probe and jig capacitance.
B. All diodes are 1N916 or 1N3064.
Figure 3. Switching Waveforms
Figure 4. Test Circuit
3


Similar Part No. - KK74LS138N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
KK74LS14D KODENSHI-KK74LS14D Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
KK74LS14N KODENSHI-KK74LS14N Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
KK74LS157 KODENSHI-KK74LS157 Datasheet
249Kb / 4P
   Quad 2-Input Data Selector/Multiplexer
KK74LS157D KODENSHI-KK74LS157D Datasheet
249Kb / 4P
   Quad 2-Input Data Selector/Multiplexer
More results

Similar Description - KK74LS138N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com