Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74HC4053ADW Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74HC4053ADW
Description  Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HC4053ADW Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74HC4053ADW Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HC4053ADW Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HC4053ADW Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HC4053ADW Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HC4053ADW Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74HC4053ADW Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74HC4053ADW Datasheet HTML 7Page - KODENSHI_AUK CORP. KK74HC4053ADW Datasheet HTML 8Page - KODENSHI_AUK CORP. KK74HC4053ADW Datasheet HTML 9Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KK74HC4053A
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C
to
-55
°C
≤85°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Channel-Select to
Analog Output (Figures 8 and 9)
2.0
4.5
6.0
370
74
63
465
93
79
550
110
94
ns
tPLH, tPHL
Maximum Propagation Delay , Analog Input to
Analog Output (Figures 10 and 11)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
tPLZ, tPHZ
Maximum Propagation Delay , Enable to Analog
Output (Figures 12 and 13)
2.0
4.5
6.0
290
58
49
364
73
62
430
86
73
ns
tPZL, tPZH
Maximum Propagation Delay , Enable to Analog
Output (Figures 12 and 13)
2.0
4.5
6.0
345
69
59
435
87
74
515
103
87
ns
CIN
Maximum Input Capacitance, Channel-Select or
Enable Inputs
-
10
10
10
pF
CI/O
Maximum Capacitance
Analog I/O
All Switches Off
-
35
35
35
pF
Common O/I
-
50
50
50
Feedthrough
-
1.0
1.0
1.0
Power Dissipation Capacitance (Per Package)
(Figure 15)
Typical @25
°C,V
CC=5.0 V, VEE=0
V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
45
pF
4


Similar Part No. - KK74HC4053ADW

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC4051A KODENSHI-KK74HC4051A Datasheet
307Kb / 9P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
KK74HC4051ADW KODENSHI-KK74HC4051ADW Datasheet
307Kb / 9P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
KK74HC4051AN KODENSHI-KK74HC4051AN Datasheet
307Kb / 9P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
KK74HC4052A KODENSHI-KK74HC4052A Datasheet
300Kb / 8P
   Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
KK74HC4052AD KODENSHI-KK74HC4052AD Datasheet
300Kb / 8P
   Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74HC4053ADW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4052B ETC-IW4052B Datasheet
196Kb / 6P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC4052A KODENSHI-KK74HC4052A Datasheet
300Kb / 8P
   Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC4053A IKSEMICON-IN74HC4053A Datasheet
225Kb / 9P
   Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
IW4051B IKSEMICON-IW4051B Datasheet
236Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4052B IKSEMICON-IW4052B Datasheet
256Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4053B IKSEMICON-IW4053B Datasheet
194Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4052B KODENSHI-KK4052B Datasheet
340Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL4052B SLS-SL4052B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
SL74HC4052 SLS-SL74HC4052 Datasheet
88Kb / 9P
   Analog Multiplexer/Demultiplexer(High-Performance Silicon-Gate CMOS)
logo
ON Semiconductor
MC74LVX4053 ONSEMI-MC74LVX4053 Datasheet
141Kb / 16P
   Analog Multiplexer/ Demultiplexer High-Performance Silicon-Gate CMOS
January, 2002 ??Rev. 4
MC74LVXT4051 ONSEMI-MC74LVXT4051 Datasheet
153Kb / 16P
   ANALOG MULTIPLEXER DEMULTIPLEXER HIGH-PERFORMANCE SILICON-GATE CMOS
January, 2002 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com