Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74HC651AN Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # KK74HC651AN
Description  Octal 3-State Bus Transceivers and D Flip-Flops High-Performance Silicon-Gate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HC651AN Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  KK74HC651AN Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HC651AN Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HC651AN Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HC651AN Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HC651AN Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74HC651AN Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74HC651AN Datasheet HTML 7Page - KODENSHI_AUK CORP. KK74HC651AN Datasheet HTML 8Page - KODENSHI_AUK CORP. KK74HC651AN Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
KK74HC652A
TIMING REQUIREMENTS (Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to-55°C
≤85°C
≤125°C
Unit
tsu
Minimum Setup Time, Input A to
A-to-B Clock (or Input B to B-to-A
Clock) (Figure 7)
2.0
4.5
6.0
50
10
9
65
13
11
75
15
13
ns
th
Minimum Hold Time, A-to-B Clock
to Input A (or B-to-A Clock to
Input B) (Figure 7)
2.0
4.5
6.0
25
5
5
30
6
5
40
8
7
ns
tw
Minimum Pulse Width, A-to-B Clock
(or B-to-A Clock)
(Figure 7)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
tr, tf
Maximum Input Rise and Fall Times
(Figures 2 and 3)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns
TIMING DIAGRAM
5


Similar Part No. - KK74HC651AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC651AN KODENSHI-KK74HC651AN Datasheet
454Kb / 10P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74HC651AN

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC651 SLS-SL74HC651 Datasheet
79Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HC651A KODENSHI-KK74HC651A Datasheet
454Kb / 10P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC652 SLS-SL74HC652 Datasheet
79Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HC651A IKSEMICON-IN74HC651A Datasheet
322Kb / 10P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Performance Silicon-Gate CMOS
IN74HC652A IKSEMICON-IN74HC652A Datasheet
321Kb / 10P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC651 KODENSHI-KK74AC651 Datasheet
513Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
KK74AC652 KODENSHI-KK74AC652 Datasheet
507Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
KK74ACT652 KODENSHI-KK74ACT652 Datasheet
500Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT651 IKSEMICON-IN74ACT651 Datasheet
484Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
IN74AC651 IKSEMICON-IN74AC651 Datasheet
375Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com