Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74HC4015A Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KK74HC4015A
Description  Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HC4015A Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KK74HC4015A Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HC4015A Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HC4015A Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HC4015A Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HC4015A Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74HC4015A Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74HC4015A Datasheet HTML 7Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
KK74HC4015A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-
Level Input Voltage
VOUT= 0.1 V or VCC-0.1 V
⎢I
OUT⎢≤ 20 µA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIL
Maximum Low -
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
0.3
0.9
1.2
0.3
0.9
1.2
0.3
0.9
1.2
V
VOH
Minimum High-
Level Output Voltage
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN= VIH or VIL
⎢I
OUT⎢ ≤ 4.0 mA
⎢I
OUT⎢ ≤ 5.2 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low-
Level Output Voltage
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN= VIH or VIL
⎢I
OUT⎢ ≤ 4.0 mA
⎢I
OUT⎢ ≤ 5.2 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
6.0
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
IOUT=0µA
6.0
8.0
80
160
µA
3


Similar Part No. - KK74HC4015A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC4046A KODENSHI-KK74HC4046A Datasheet
417Kb / 12P
   Phase-Locked Loop High-Performance Silicon-Gate CMOS
KK74HC4046AD KODENSHI-KK74HC4046AD Datasheet
417Kb / 12P
   Phase-Locked Loop High-Performance Silicon-Gate CMOS
KK74HC4046AN KODENSHI-KK74HC4046AN Datasheet
417Kb / 12P
   Phase-Locked Loop High-Performance Silicon-Gate CMOS
KK74HC4051A KODENSHI-KK74HC4051A Datasheet
307Kb / 9P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
KK74HC4051ADW KODENSHI-KK74HC4051ADW Datasheet
307Kb / 9P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74HC4015A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC4015 INTEGRAL-IN74HC4015 Datasheet
139Kb / 6P
   Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC4015A IKSEMICON-IN74HC4015A Datasheet
192Kb / 7P
   Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
IW4021B IKSEMICON-IW4021B Datasheet
176Kb / 5P
   8-Bit Shift Register High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4021B KODENSHI-KK4021B Datasheet
250Kb / 5P
   8-Bit Shift Register High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4015B INTEGRAL-IW4015B Datasheet
181Kb / 5P
   Dual 4-Stage Static Shift Register High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC164A IKSEMICON-IN74HC164A Datasheet
317Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC164 INTEGRAL-IN74HC164 Datasheet
96Kb / 5P
   8-Bit Serial-Input/Parallel-Output Shift Register, High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC164A KODENSHI-KK74HC164A Datasheet
322Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC4015 SLS-SL74HC4015 Datasheet
50Kb / 6P
   Dual 4-Bit Shift Register
logo
Integral Corp.
IN74HC165 INTEGRAL-IN74HC165 Datasheet
131Kb / 7P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com