Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF15CV Datasheet(PDF) 1 Page - STMicroelectronics

Part # LF15CV
Description  Very low drop voltage regulators with inhibit
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF15CV Datasheet(HTML) 1 Page - STMicroelectronics

  LF15CV Datasheet HTML 1Page - STMicroelectronics LF15CV Datasheet HTML 2Page - STMicroelectronics LF15CV Datasheet HTML 3Page - STMicroelectronics LF15CV Datasheet HTML 4Page - STMicroelectronics LF15CV Datasheet HTML 5Page - STMicroelectronics LF15CV Datasheet HTML 6Page - STMicroelectronics LF15CV Datasheet HTML 7Page - STMicroelectronics LF15CV Datasheet HTML 8Page - STMicroelectronics LF15CV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
July 2007
Rev. 18
1/45
45
LFxxAB
LFxxC
Very low drop voltage regulators with inhibit
Features
Very low dropout voltage (0.45V)
Very low quiescent current (typ. 50 µA in OFF
mode, 500 µA in ON mode)
Output current up to 500 mA
Logic-controlled electronic shutdown
Output voltages of 1.5; 1.8; 2.5; 2.7; 3; 3.3; 3.5;
5; 6; 8; 8.5; 9; 12V
Internal current and thermal limit
Only 2.2 µF for stability
Available in ± 1% (AB) or ± 2% (C) selection at
25°C
Supply voltage rejection: 80db (typ.)
Temperature range: -40 to 125°C
Description
The LFxxAB/LFxxC are very Low Drop regulators
available in PENTAWATT, TO-220, TO-220FP,
DPAK and PPAK package and in a wide range of
output voltages.
The very Low Drop voltage (0.45V) and the very
low quiescent current make them particularly
suitable for Low Noise, Low Power applications
and specially in battery powered systems.
In the 5 pins configuration (PENTAWATT and
PPAK) a Shutdown Logic Control function is
available (pin 2, TTL compatible). This means that
when the device is used as a local regulator, it is
possible to put a part of the board in standby,
decreasing the total power consumption. In the
three terminal configuration the device has the
same electrical performance, but is fixed in the
ON state. It requires only a 2.2 µF capacitor for
stability allowing space and cost saving.
TO-220FP
PENTAWATT
TO-220
DPAK
PPAK
Table 1.
Device summary
Order codes
LF15C
LF27AB
LF40C
LF80AB
LF15AB
LF30C
LF40AB
LF85C
LF18C
LF30AB
LF50C
LF85AB
LF18AB
LF33C
LF50AB
LF90C
LF25C
LF33AB
LF60C
LF90AB
LF25AB
LF35C
LF60AB
LF120C
LF27C
LF35AB
LF80C
LF120AB
www.st.com


Similar Part No. - LF15CV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF15CV STMICROELECTRONICS-LF15CV Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF15CV STMICROELECTRONICS-LF15CV Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF15CV STMICROELECTRONICS-LF15CV Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
LF15CV STMICROELECTRONICS-LF15CV Datasheet
1Mb / 49P
   Very low drop voltage regulators with inhibit
LF15CV5V STMICROELECTRONICS-LF15CV5V Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
More results

Similar Description - LF15CV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
   Very low drop voltage regulators with inhibit
July 2008 Rev 12
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
   Very low drop voltage regulators with inhibit
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
LD2981 STMICROELECTRONICS-LD2981 Datasheet
414Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LE00AB STMICROELECTRONICS-LE00AB Datasheet
207Kb / 27P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com