Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK472 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK472
Description  Liquid Crystal Display Controller
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK472 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK472 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK472 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK472 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK472 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KK472
DC ELECTRICAL CHARACTERISTICS (GND=0 V, VDD=3.0 V to 5.5 V, TA= 0°C to 70°C (depends on
display characteristics)
Guaranteed Limit
Symbol
Parameter
Test
Conditions
Min
Max
Uni
t
VDD
Power Supply Voltage
3.0
5.5
V
IDD
Power Supply Current (Note 1)
VDD =5.5 V
250
µA
VIL
Input Levels DI, SK, CS
0.8
V
VIH
0.7 VDD
VDD
VIL
BPA (as Osc. in)
0.6
V
VIH
VDD-0.6
VDD
VOL
Output Levels, BPC (as Osc. Out)
0.4
V
VOH
VDD-0.4
VDD
VBPA,BPB,BPC
ON
Backplane Outputs (BPA,BPB,BPC)
During
VDD -∆V
VDD
V
VBPA,BPB,BPC
OFF
BP + Time
1/3VDD -∆V
1/3VDD +∆V
VBPA,BPB,BPC
ON
Backplane Outputs (BPA,BPB,BPC)
During
0
∆V
V
VBPA,BPB,BPC
OFF
BP - Time
2/3VDD -∆V
2/3VDD +∆V
VSEG ON
Segment Outputs (SA1 ∼ SA4)
During
0
∆V
V
VSEG OFF
BP + Time
2/3VDD -∆V
2/3VDD +∆V
VSEG ON
Segment Outputs (SA1 ∼ SA4)
During
VDD -∆V
VDD
V
VSEG OFF
BP - Time
1/3VDD -∆V
1/3VDD +∆V
Internal Oscillator Frequency
15
80
kHz
Frame Time (Int. Osc.
÷ 192)
2.4
12.8
ms
1/TSCAN
Scan Frequency
39
208
Hz
SK Clock Frequency
4
250
kHz
SK Width
1.7
µs
tSETUP
DI Data Stup
1.0
µs
tHOLD
DI Data Hold
100
ns
tSETUP
CS
1.0
µs
tHOLD
1.0
Output Loading Capacitance
100
pF
Note 1: Power supply current as measured in stand-alone mode with all outputs open and all inputs at VDD.
Note 2:
∆V - 0.05V
DD.
2


Similar Part No. - KK472

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KK4700A LUGUANG-KK4700A Datasheet
3Mb / 3P
   FAST TURN-OFF THYRISTORS
More results

Similar Description - KK472

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN472-3 INTEGRAL-IN472-3 Datasheet
129Kb / 3P
   Liquid Crystal Display Controller
logo
National Semiconductor ...
TLDD6932COP472 NSC-TLDD6932COP472 Datasheet
146Kb / 8P
   COP472-3 Liquid Crystal Display Controller
COP472-3 NSC-COP472-3 Datasheet
143Kb / 8P
   COP472-3 Liquid Crystal Display Controller
logo
Texas Instruments
COP472WM-3 TI-COP472WM-3 Datasheet
144Kb / 10P
[Old version datasheet]   COP472-3 Liquid Crystal Display Controller
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
ON Semiconductor
MC34271 ONSEMI-MC34271 Datasheet
343Kb / 12P
   Liquid Crystal Display and Backlight Integrated Controller
April, 2000 ??Rev. 0
logo
Motorola, Inc
MC34270 MOTOROLA-MC34270 Datasheet
367Kb / 12P
   LIQUID CRYSTAL DISPLAY AND BACKLIGHT INTEGRATED CONTROLLER
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com