Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H3CR-A8-301 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # H3CR-A8-301
Description  Solid-state Multi-functional Timer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3CR-A8-301 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button H3CR-A8-301 Datasheet HTML 6Page - Omron Electronics LLC H3CR-A8-301 Datasheet HTML 7Page - Omron Electronics LLC H3CR-A8-301 Datasheet HTML 8Page - Omron Electronics LLC H3CR-A8-301 Datasheet HTML 9Page - Omron Electronics LLC H3CR-A8-301 Datasheet HTML 10Page - Omron Electronics LLC H3CR-A8-301 Datasheet HTML 11Page - Omron Electronics LLC H3CR-A8-301 Datasheet HTML 12Page - Omron Electronics LLC H3CR-A8-301 Datasheet HTML 13Page - Omron Electronics LLC H3CR-A8-301 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
B-118
Solid-state Multi-functional Timer
H3CR-A
I Input Connections
H3CR-A/-AS
5
6
7
2
+
5
6
7
2
+
5
6
7
2
The inputs of the H3CR-A/-AS are no-voltage (short-circuit or open) inputs.
No-voltage Input Signal Levels
No-contact Input
Contact Input
No-contact Input
No-voltage Inputs
Sensor
Timer
Gate
Start
Reset
Operates with transistor ON
Timer
Operates with relay ON
Gate
Start
Reset
Input (0 V)
Sensor
Timer
Operates with transistor ON
Gate
Start
Reset
Input (0 V)
(Connection to NPN open
collector output sensor.)
12 to 24 VDC
(sensor power supply)
DC power
supply
Input (0 V)
No-contact
input
1. Short-circuit level
Transistor ON
Residual voltage: 1 V max.
Impedance when ON: 1 k
Ω max.
2. Open level
Transistor OFF
Impedance when OFF: 100 k
Ω min.
Contact
input
Use contacts which can adequate-
ly switch 0.1 mA at 5 V
(Connection to a voltage
output sensor.)
12 to 24 VDC
(sensor power supply)
DC power
supply


Similar Part No. - H3CR-A8-301

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CR-AAC100240DC100125 OMRON-H3CR-AAC100240DC100125 Datasheet
3Mb / 22P
   Solid-state Multi-functional Timers H3CR-A
More results

Similar Description - H3CR-A8-301

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CR-AAC100240DC100125 OMRON-H3CR-AAC100240DC100125 Datasheet
3Mb / 22P
   Solid-state Multi-functional Timers H3CR-A
H3CR OMRON-H3CR Datasheet
2Mb / 61P
   Solid-state Timer
H3DE-M OMRON-H3DE-M Datasheet
1Mb / 34P
   Solid-state Timer
H3BA-N OMRON-H3BA-N Datasheet
1Mb / 22P
   Solid-state Timer
H3JA OMRON-H3JA Datasheet
288Kb / 8P
   Solid-state Timer
H3Y OMRON-H3Y Datasheet
149Kb / 8P
   Solid-state Timer
H3BA-X OMRON-H3BA-X Datasheet
1Mb / 16P
   Solid-state Timer
Y92F-40 OMRON-Y92F-40 Datasheet
1,000Kb / 7P
   Solid-state Timer
logo
List of Unclassifed Man...
1071 ETC2-1071 Datasheet
79Kb / 1P
   INDUSTRIAL SOLID STATE TIMER
logo
Omron Electronics LLC
H3CA OMRON-H3CA Datasheet
398Kb / 15P
   Solid-State Digital Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com