Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74HC32AN Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74HC32AN
Description  Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HC32AN Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74HC32AN Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HC32AN Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HC32AN Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HC32AN Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HC32AN Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KK74HC32A
AC ELECTRICAL CHARACTERISTICS (CL=50 pF,Input tr=tf=6.0 ns, VIH=VCC, VIL=0 V)
VCC
Guaranteed Limit
Symbol
Parameter
V
-55
°C
to
25
°C
≤85°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input A or B to
Output Y (Figures 1 and 2)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 2)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
Power Dissipation Capacitance (Per Gate)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
20
pF
DEVICE
UNDER
TEST
OUTPUT
CL
*
TEST POINT
90%
50%
50%
10%
tt
tt
f
r
PLH
PHL
VCC
GND
INPUT
A or B
OUTPUT Y
tt
TLH
THL
90%
10%
* Includes all probe and jig capacitance
Figure 1. Switching Waveforms
Figure 2. Test Circuit
EXPANDED LOGIC DIAGRAM
(1/4 of the Device)
4


Similar Part No. - KK74HC32AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC323A KODENSHI-KK74HC323A Datasheet
320Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74HC32AN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC32A IKSEMICON-IN74HC32A Datasheet
186Kb / 5P
   Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
IN74HCT32A IKSEMICON-IN74HCT32A Datasheet
181Kb / 5P
   Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT32A KODENSHI-KK74HCT32A Datasheet
195Kb / 5P
   Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT32 SLS-SL74HCT32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate(High-Performance Silicon-Gate CMOS)
SL74HCT86 SLS-SL74HCT86 Datasheet
34Kb / 4P
   Quad 2-Input Exclusive OR Gate(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HC86 INTEGRAL-IN74HC86 Datasheet
71Kb / 4P
   Quad 2-Input Exclusive OR Gate High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT86A IKSEMICON-IN74HCT86A Datasheet
180Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT86A KODENSHI-KK74HCT86A Datasheet
194Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC86 SLS-SL74HC86 Datasheet
34Kb / 4P
   Quad 2-Input Exclusive OR Gate(High-Performance Silicon-Gate CMOS)
logo
List of Unclassifed Man...
IW4071B ETC1-IW4071B Datasheet
102Kb / 4P
   Quad 2-Input OR Gate High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com