Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5131-44T21UF Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G5131-44T21UF
Description  PSM Step-up DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5131-44T21UF Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

Back Button G5131-44T21UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5131-44T21UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5131-44T21UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5131-44T21UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5131-44T21UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5131-44T21UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5131-44T21UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5131-44T21UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G5131-44T21UF Datasheet HTML 10Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Ver: 0.5 Preliminary
Aug 18, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G5130/G5131
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN= +3.0V, L=100µH, C=47µF (Tantalum), TA=25°C, unless otherwise noted.)
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
0
20 40 60 80 100 120 140 160 180 200
Output Current (mA)
VOUT=3.3V
1.5V
2.0V
2.5V
3.0V
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
0
20 40 60 80 100 120 140 160 180 200
Output Current (mA)
VOUT=5.0V
1.5V
2.0V
2.5V
3.0V
0
0.5
1
1.5
2
2.5
3
3.5
-40
-20
0
20
406080
100
Temperature (°C)
0
1
2
3
4
5
6
-40
-20
0
20
406080
100
Temperature (°C)
VOUT=3.3V
VOUT=5.0V
0
50
100
150
200
250
300
0
20406080 100 120 140 160 180 200
Output Current (mA)
VOUT=3.3V
3.0V
2.5V
2.0V
1.5V
0
50
100
150
200
250
300
0
20 40 60 80 100 120 140 160 180 200
Output Current (mA)
VOUT=5.0V
3.0V
2.5V
1.5V
2.0V
Ripple Voltage vs Output Current
Ripple Voltage vs Output Current
Output Voltage vs Temperature
Output Voltage vs Temperature
Output Voltage vs Output Current
Output Voltage vs Output Current


Similar Part No. - G5131-44T21UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5131-44T21UF GMT-G5131-44T21UF Datasheet
323Kb / 10P
   PSM Step-up DC/DC Converter
More results

Similar Description - G5131-44T21UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5130 GMT-G5130 Datasheet
323Kb / 10P
   PSM Step-up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com