Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG507ACY Datasheet(PDF) 3 Page - Intersil Corporation

Part # DG507ACY
Description  CMOS Analog Multiplexers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG507ACY Datasheet(HTML) 3 Page - Intersil Corporation

  DG507ACY Datasheet HTML 1Page - Intersil Corporation DG507ACY Datasheet HTML 2Page - Intersil Corporation DG507ACY Datasheet HTML 3Page - Intersil Corporation DG507ACY Datasheet HTML 4Page - Intersil Corporation DG507ACY Datasheet HTML 5Page - Intersil Corporation DG507ACY Datasheet HTML 6Page - Intersil Corporation DG507ACY Datasheet HTML 7Page - Intersil Corporation DG507ACY Datasheet HTML 8Page - Intersil Corporation DG507ACY Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Schematic Diagram
Functional Diagrams
DG506A
4 Line Binary Address Inputs
(0 0 0 1) and EN = 5V
Above example shows channel 2 turned ON.
DG507A
3 Line Binary Address Inputs
(0 0 0) and EN = 5V
Above example shows channels 1A and 1B turned ON.
DG508A
3 Line Binary Address Inputs
(1 0 1) and EN = 1
Above example shows channel 6 turned ON.
DG509A
2 Line Binary Address Inputs
(0 0) and EN = 1
Above example shows channels 1A and 1B turned ON.
S1
S3
S2
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13
S14
S15
A0
D
ADDRESS DECODER
1 OF 16
ENABLE
1 OF 4
A1
A2
A3
EN
S16
S1A
S3A
S2A
S4A
S5A
S6A
S7A
S8A
S1B
S2B
S3B
S4B
S5B
S6B
S7B
A0
ADDRESS DECODER
1 OF 8
ENABLE
1 OF 2
A1
A2
EN (ENABLE INPUT)
S8B
DA
DB
S1
S3
S2
S4
S5
S6
S7
S8
A0
D
ADDRESS DECODER
1 OF 8
A1
A2
EN (ENABLE INPUT)
S1A
S3A
S2A
S4A
S1B
S2B
S3B
S4B
DA
DB
LOGIC TRIP
POINT REF
LOGIC INTERFACE
AND LEVEL SHIFTER
+
-
DECODER
AX
V+
TYPICAL
SWITCH
SX
DX
V+
GND
LOGIC AX
INPUT OR EN
V-
DG506A, DG507A, DG508A, DG509A


Similar Part No. - DG507ACY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG507ACY INTERSIL-DG507ACY Datasheet
625Kb / 17P
   CMOS Analog Multiplexers
More results

Similar Description - DG507ACY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A Datasheet
625Kb / 17P
   CMOS Analog Multiplexers
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_12 Datasheet
1Mb / 10P
   Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
logo
Intersil Corporation
DG526 INTERSIL-DG526 Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG508A MAXIM-DG508A_10 Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com