Electronic Components Datasheet Search |
|
CD74HC86M Datasheet(PDF) 1 Page - Texas Instruments |
|
|
CD74HC86M Datasheet(HTML) 1 Page - Texas Instruments |
1 / 13 page 1 Data sheet acquired from Harris Semiconductor SCHS137D Features • Typical Propagation Delay: 9ns at VCC = 5V, CL = 15pF, TA = 25 oC • Fanout (Over Temperature Range) - Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads - Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads • Wide Operating Temperature Range . . . -55oC to 125oC • Balanced Propagation Delay and Transition Times • Significant Power Reduction Compared to LSTTL Logic ICs • HC Types - 2V to 6V Operation - High Noise Immunity: NIL = 30%, NIH = 30% of VCC at VCC = 5V • HCT Types - 4.5V to 5.5V Operation - Direct LSTTL Input Logic Compatibility, VIL= 0.8V (Max), VIH = 2V (Min) - CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH Applications • Logical Comparators • Parity Generators and Checkers • Adders and Subtractors Description The ’HC86 and ’HCT86 contain four independent EXCLUSIVE OR gates in one package. They provide the system designer with a means for implementation of the EXCLUSIVE OR function. Logic gates utilize silicon gate CMOS technology to achieve operating speeds similar to LSTTL gates with the low power consumption of standard CMOS integrated circuits. All devices have the ability to drive 10 LSTTL loads. The HCT logic family is functionally pin compatible with the standard LS logic family. Pinout CD54HC86, CD54HCT86 (CERDIP) CD74HC86, CD74HCT86 (PDIP, SOIC) TOP VIEW Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54HC86F3A -55 to 125 14 Ld CERDIP CD54HCT86F3A -55 to 125 14 Ld CERDIP CD74HC86E -55 to 125 14 Ld PDIP CD74HC86M -55 to 125 14 Ld SOIC CD74HC86MT -55 to 125 14 Ld SOIC CD74HC86M96 -55 to 125 14 Ld SOIC CD74HCT86E -55 to 125 14 Ld PDIP CD74HCT86M -55 to 125 14 Ld SOIC CD74HCT86MT -55 to 125 14 Ld SOIC CD74HCT86M96 -55 to 125 14 Ld SOIC NOTE: When ordering, use the entire part number. The suffix 96 denotes tape and reel. The suffix T denotes a small-quantity reel of 250. 1A 1B 1Y 2A 2B 2Y GND VCC 4B 4A 4Y 3B 3A 3Y 1 2 3 4 5 6 7 14 13 12 11 10 9 8 August 1997 - Revised September 2003 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2003, Texas Instruments Incorporated CD54HC86, CD74HC86, CD54HCT86, CD74HCT86 High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate [ /Title (CD74 HC86, CD74 HCT86 ) /Sub- ject (High Speed CMOS Logic Quad 2-Input EXCL USIVE OR |
Similar Part No. - CD74HC86M |
|
Similar Description - CD74HC86M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |