Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5059 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5059
Description  Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5059 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5059 Datasheet HTML 1Page - Maxim Integrated Products MAX5059 Datasheet HTML 2Page - Maxim Integrated Products MAX5059 Datasheet HTML 3Page - Maxim Integrated Products MAX5059 Datasheet HTML 4Page - Maxim Integrated Products MAX5059 Datasheet HTML 5Page - Maxim Integrated Products MAX5059 Datasheet HTML 6Page - Maxim Integrated Products MAX5059 Datasheet HTML 7Page - Maxim Integrated Products MAX5059 Datasheet HTML 8Page - Maxim Integrated Products MAX5059 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Parallelable Secondary-Side Synchronous Rectifier
Driver and Feedback-Generator Controller ICs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +12V, GND = PGND = 0, VDR = VREG, CQSYNC = CQREC = 0, ZCP = ZCN = BUFIN = CSP = CSN = SFN = VSN = GND, VIREF =
VVSP = 1.785V, CVREG = 2.2µF, CVP = 1µF, CCOMPS = 0.1µF, CSFP = 68nF, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Zero-Current Comparator Input
Range
VZC
-0.1
+1.5
V
Zero-Current Comparator
Propagation Delay
tZC
10mV overdrive, from when VZCP - VZCN is
greater than VZCTH to when QSYNC goes
low
65
ns
BUFIN: SYNCHRONIZING PULSE INPUT
BUFIN to Output Propagation
Delay
tpd
BUFIN rising to QREC rising or QSYNC
falling
40
ns
BUFIN Input Current
IBUFIN
-1
+1
µA
BUFIN Input Capacitance
CBUFIN
10
pF
BUFIN Input-Logic High
VHBUFIN
2.4
V
BUFIN Input-Logic Low
VLBUFIN
0.8
V
MARGINING INPUTS
RMGD Resistance
RRMGD
Sinking 10mA
6.5
11
RMGU Resistance
RRMGU
Sinking 10mA
6.5
11
MRGD Input-Logic High
VHMRGD
2.4
V
MRGD Input-Logic Low
VLMRGD
0.8
V
MRGU Input-Logic High
VHMRGU
2.4
V
MRGU Input-Logic Low
VLMRGU
0.8
V
MRGU, MRGD Input Resistance
RMRGD,
RMRGU
40
k
RMGU, RMGD Leakage Current
IRMGU,
IRMGD
-100
+100
nA
DRIVER OUTPUTS
QREC, QSYNC Peak Source
Current
IQREC_SO,
IQSYNC_SO
2A
MAX5058
75
150
QREC, QSYNC Output-Voltage
High
VQREC_H,
VQSYNC_H
Measured with respect to
VVDR, sourcing 50mA
MAX5059
75
150
mV
CQREC = CQSYNC = 0
30
QREC, QSYNC Low-to-High
Delay Time
tPDLH
CQREC = CQSYNC = 5nF
70
ns
QREC, QSYNC Peak Sink Current
IQREC_SI,
IQSYNC_SI
2A
MAX5058
50
100
QREC, QSYNC Output-Voltage
Low
VQREC_L,
VQSYNC_L
Sinking 50mA
MAX5059
50
100
mV
CQREC = CQSYNC = 0
40
QREC, QSYNC High-to-Low
Delay Time
tPDHL
CQREC = CQSYNC = 5nF
70
ns


Similar Part No. - MAX5059

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
MAX5051 MAXIM-MAX5051 Datasheet
568Kb / 21P
   Parallelable, Clamped Two-Switch Power-Supply Controller IC
Rev 0; 8/03
MAX5051 MAXIM-MAX5051 Datasheet
835Kb / 11P
   fully assembled and tested circuit board
Rev 0; 6/04
MAX5051 MAXIM-MAX5051 Datasheet
363Kb / 11P
   fully assembled and tested circuit board
Rev 0; 9/03
MAX5051AUI MAXIM-MAX5051AUI Datasheet
568Kb / 21P
   Parallelable, Clamped Two-Switch Power-Supply Controller IC
Rev 0; 8/03
More results

Similar Description - MAX5059

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
   Secondary Side Synchronous Rectifier Controller
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
ON Semiconductor
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
NCP4302 ONSEMI-NCP4302 Datasheet
150Kb / 16P
   Secondary Side Synchronous Flyback Controller
February, 2008 - Rev. 2
logo
Linear Technology
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com