Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5058 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5058
Description  Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5058 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5058 Datasheet HTML 5Page - Maxim Integrated Products MAX5058 Datasheet HTML 6Page - Maxim Integrated Products MAX5058 Datasheet HTML 7Page - Maxim Integrated Products MAX5058 Datasheet HTML 8Page - Maxim Integrated Products MAX5058 Datasheet HTML 9Page - Maxim Integrated Products MAX5058 Datasheet HTML 10Page - Maxim Integrated Products MAX5058 Datasheet HTML 11Page - Maxim Integrated Products MAX5058 Datasheet HTML 12Page - Maxim Integrated Products MAX5058 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Parallelable Secondary-Side Synchronous Rectifier
Driver and Feedback-Generator Controller ICs
_______________________________________________________________________________________
9
ZERO-CURRENT PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
-25 -10 5
35 50 65
20
80
55
60
65
70
75
80
85
90
50
-40
125
10mV OVERDRIVE
SFA AMPLIFIER MAXIMUM
SINK CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
32.2
32.4
32.6
32.8
33.0
33.2
33.4
33.6
33.8
34.0
32.0
-40
125
SFP = +2.5V
SFN = 0V
CURRENT-ADJUST VOLTAGE TO CURRENT-
CONVERTER ADJUSTMENT RANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
1.51
1.52
1.53
1.54
1.55
1.56
1.57
1.58
1.59
1.60
1.50
-40
125
Typical Operating Characteristics (continued)
(V+ = +12V, GND = PGND = 0, VDR = VREG, CQSYNC = CQREC = 0, ZCP = ZCN = BUFIN = CSP = CSN = SFN = VSN = GND, VIREF =
VVSP = 1.785V, VCOMPS = 0.5V, CVREG = 2.2µF, CVP = 1µF, CCOMPS = 0.1µF, CSFP = 68nF, TA = +25
°C, unless otherwise noted.)
BUFIN TO QREC LOW-TO-HIGH
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
29
30
31
32
33
34
35
36
37
38
39
40
41
42
28
-40
125
BUFIN TO QREC HIGH-TO-LOW
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
34
36
38
40
42
44
46
48
50
52
54
56
58
60
32
30
-40
125
BUFIN TO QSYNC LOW-TO-HIGH
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
48
50
52
54
56
58
60
44
42
40
46
-40
125
BUFIN TO QSYNC HIGH-TO-LOW
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
-40
125
28
30
32
34
36
38
40
24
22
20
26


Similar Part No. - MAX5058

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5058 MAXIM-MAX5058 Datasheet
835Kb / 11P
   fully assembled and tested circuit board
Rev 0; 6/04
MAX5058EVKIT MAXIM-MAX5058EVKIT Datasheet
835Kb / 11P
   fully assembled and tested circuit board
Rev 0; 6/04
More results

Similar Description - MAX5058

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
   Secondary Side Synchronous Rectifier Controller
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
ON Semiconductor
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
NCP4302 ONSEMI-NCP4302 Datasheet
150Kb / 16P
   Secondary Side Synchronous Flyback Controller
February, 2008 - Rev. 2
logo
Linear Technology
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com