Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74AC280M96E4 Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74AC280M96E4
Description  9-Bit Odd/Even Parity Generator/Checker
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC280M96E4 Datasheet(HTML) 4 Page - Texas Instruments

  CD74AC280M96E4 Datasheet HTML 1Page - Texas Instruments CD74AC280M96E4 Datasheet HTML 2Page - Texas Instruments CD74AC280M96E4 Datasheet HTML 3Page - Texas Instruments CD74AC280M96E4 Datasheet HTML 4Page - Texas Instruments CD74AC280M96E4 Datasheet HTML 5Page - Texas Instruments CD74AC280M96E4 Datasheet HTML 6Page - Texas Instruments CD74AC280M96E4 Datasheet HTML 7Page - Texas Instruments CD74AC280M96E4 Datasheet HTML 8Page - Texas Instruments CD74AC280M96E4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay,
Any Input to
∑O
tPLH, tPHL
1.5
-
-
239
-
-
263
ns
3.3
(Note 9)
7.5
-
26
7.3
-
29
ns
5
(Note 10)
5.4
-
19.1
5.3
-
21
ns
Propagation Delay,
Any Input to
∑E
tPLH, tPHL
1.5
-
-
227
-
-
250
ns
3.3
7.2
-
25
7
-
28
ns
5
5.2
-
18.2
5
-
20
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
115
-
-
115
-
pF
ACT TYPES
Propagation Delay,
Any Input to
∑O
tPLH, tPHL
5
(Note 10)
5.6
-
19.6
5.4
-
21.6
ns
Propagation Delay,
Any Input to
∑E
tPLH, tPHL
5
5.6
-
19.6
5.4
-
21.6
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
115
-
-
115
-
pF
NOTES:
8. Limits tested 100%
9. 3.3V Min is at 3.6V, Max is at 3V.
10. 5V Min is at 5.5V, Max is at 4.5V.
11. CPD is used to determine the dynamic power consumption per package.
AC: PD = VCC
2 f
i (CPD + CL)
ACT: PD = VCC
2 f
i (CPD + CL) + VCC ∆ICC where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
FIGURE 1.
10%
VS
tr = 3ns
VS
tPHL
tPLH
VS
VS
VS
VS
tf = 3ns
10%
INPUT
LEVEL
In
0V
ΣO
ΣE
0V
0V
tPLH
tPHL
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
FIGURE 2. PROPAGATION DELAY TIMES
AC
ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
CD54/74AC280, CD54/74ACT280


Similar Part No. - CD74AC280M96E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC280M96E4 TI-CD74AC280M96E4 Datasheet
260Kb / 2P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
More results

Similar Description - CD74AC280M96E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC280 TI-CD54AC280 Datasheet
260Kb / 2P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
logo
National Semiconductor ...
MM74HC280 NSC-MM74HC280 Datasheet
120Kb / 4P
   9-Bit Odd/Even Parity Generator/Checker
logo
Renesas Technology Corp
HD74HC280 RENESAS-HD74HC280 Datasheet
75Kb / 6P
   9-bit Odd/Even Parity Generator/Checker
HD74LS280 RENESAS-HD74LS280 Datasheet
174Kb / 6P
   9-bit Odd / Even Parity Generator / Checker
logo
NXP Semiconductors
74HC280 PHILIPS-74HC280 Datasheet
49Kb / 7P
   9-bit odd/even parity generator/checker
December 1990
74F280B PHILIPS-74F280B Datasheet
106Kb / 8P
   9-bit odd/even parity generator/checker
1996 Mar 12
logo
Texas Instruments
CD74AC280 TI-CD74AC280 Datasheet
28Kb / 5P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
logo
Hitachi Semiconductor
HD74HC280 HITACHI-HD74HC280 Datasheet
39Kb / 7P
   9-bit Odd/Even Parity Generator/Checker
logo
Toshiba Semiconductor
TC74HC280P TOSHIBA-TC74HC280P Datasheet
143Kb / 5P
   9-BIT ODD/EVEN PARITY GENERATOR/CHECKER
logo
Nexperia B.V. All right...
74HCT280 NEXPERIA-74HCT280 Datasheet
245Kb / 13P
   9-bit odd/even parity generator/checker
Rev. 4 - 16 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com