Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVD374B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVD374B
Description  Variable Capacitance Diode for VCO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVD374B Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVD374B Datasheet HTML 1Page - Renesas Technology Corp HVD374B Datasheet HTML 2Page - Renesas Technology Corp HVD374B Datasheet HTML 3Page - Renesas Technology Corp HVD374B Datasheet HTML 4Page - Renesas Technology Corp HVD374B Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVD374B
Rev.2.00 Jul 01, 2005 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Reverse voltage
VR
10
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
IR1
10
VR = 10 V
Reverse current
IR2
100
nA
VR = 10 V, Ta = 60°C
C1
21.50
24.00
VR = 1 V, f = 1 MHz
Capacitance
C2
12.50
14.50
pF
VR = 2 V, f = 1 MHz
Capacitance ratio
n
1.680
1.750
C1/C2
Series resistance
rs
1.20
VR = 1 V, f = 470 MHz
Note
: The material of lead is exposed for cutting plane. Therefore, soldering nature of lead tip part is considered as
unquestioned. Please kindly consider soldering nature.


Similar Part No. - HVD374B

ManufacturerPart #DatasheetDescription
logo
Anshan Leadsun Electron...
HVD37-08F LEADSUN-HVD37-08F Datasheet
298Kb / 1P
   High Voltage Diode
HVD37-10F LEADSUN-HVD37-10F Datasheet
298Kb / 1P
   High Voltage Diode
logo
Renesas Technology Corp
HVD372B RENESAS-HVD372B Datasheet
141Kb / 5P
   Variable Capacitance Diode for VCO
HVD372B RENESAS-HVD372B Datasheet
147Kb / 5P
   Variable Capacitance Diode for VCO
logo
Guangdong Kexin Industr...
HVD372B KEXIN-HVD372B Datasheet
32Kb / 1P
   1Variable Capacitance Diode for VCO
More results

Similar Description - HVD374B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC372B HITACHI-HVC372B Datasheet
24Kb / 5P
   Variable Capacitance Diode for VCO
logo
Leshan Radio Company
HVC369B LRC-HVC369B Datasheet
41Kb / 2P
   Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVL400C RENESAS-HVL400C Datasheet
50Kb / 5P
   Variable Capacitance Diode for VCO
HVL375B RENESAS-HVL375B Datasheet
65Kb / 5P
   Variable Capacitance Diode for VCO
logo
Hitachi Semiconductor
HVD369B HITACHI-HVD369B Datasheet
35Kb / 5P
   Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVC386B RENESAS-HVC386B Datasheet
139Kb / 5P
   Variable Capacitance Diode for VCO
logo
Hitachi Semiconductor
HVD355B HITACHI-HVD355B Datasheet
36Kb / 5P
   Variable Capacitance Diode for VCO
HVC379B HITACHI-HVC379B Datasheet
20Kb / 5P
   Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVD350B RENESAS-HVD350B Datasheet
141Kb / 5P
   Variable Capacitance Diode for VCO
HVC381B RENESAS-HVC381B Datasheet
140Kb / 5P
   Variable Capacitance Diode for VCO
HVC397C RENESAS-HVC397C Datasheet
36Kb / 5P
   Variable Capacitance Diode for VCO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com