Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74ACT620N Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74ACT620N
Description  Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT620N Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74ACT620N Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT620N Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT620N Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT620N Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT620N Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74ACT620N Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
KK74ACT620
Octal 3-State Inverting
Bus Transceiver
High-Speed Silicon-Gate CMOS
ORDERING INFORMATION
KK74ACT620N Plastic
KK74ACT620DW SOIC
TA = -40° to 85° C for all packages
The KK74ACT620 is identical in pinout to the LS/ALS620,
HC/HCT620. The KK74ACT620 may be used as a level converter for
interfacing TTL or NMOS outputs to High Speed CMOS inputs.
The KK74ACT620 is a 3-state transceiver that is used for 2-way
communication between data buses. Two separate enables are available.
The enable for bus A to B is active-high, the enable for bus B to A is
active-low.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
FUNCTION TABLE
Control Inputs
Output
Enable
Direction
Operation
L
L
Data Transmitted
from Bus B to
Bus A (inverted)
H
H
Data Transmitted
from Bus A to
Bus B (inverted)
H
L
Buses Isolated
L
H
(High Impedance
State)
1


Similar Part No. - KK74ACT620N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT623 KODENSHI-KK74ACT623 Datasheet
290Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
KK74ACT623DW KODENSHI-KK74ACT623DW Datasheet
290Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
KK74ACT623N KODENSHI-KK74ACT623N Datasheet
290Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74ACT620N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC640 KODENSHI-KK74AC640 Datasheet
320Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
KK74ACT640 KODENSHI-KK74ACT640 Datasheet
324Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC620 IKSEMICON-IN74AC620 Datasheet
230Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
IN74AC640 IKSEMICON-IN74AC640 Datasheet
218Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
IN74ACT620 IKSEMICON-IN74ACT620 Datasheet
283Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
IN74ACT640 IKSEMICON-IN74ACT640 Datasheet
303Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC620 KODENSHI-KK74AC620 Datasheet
296Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC620 INTEGRAL-IN74AC620 Datasheet
181Kb / 5P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC620 SLS-SL74HC620 Datasheet
49Kb / 5P
   Octal 3-State Inverting Bus Transceiver(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HC620A IKSEMICON-IN74HC620A Datasheet
167Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com