Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74ACT574DW Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74ACT574DW
Description  Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT574DW Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74ACT574DW Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT574DW Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT574DW Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT574DW Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT574DW Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74ACT574DW Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KK74ACT574
AC ELECTRICAL CHARACTERISTICS (VCC=5.0 V ± 10%, CL=50pF, Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to 85°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figure 1)
100
85
MHz
tPLH
Propagation Delay, Clock to Q (Figure 1)
2.5
11
2.0
12
ns
tPHL
Propagation Delay, Clock to Q (Figure 1)
2.0
10
1.5
11
ns
tPZH
Propagation Delay, Output Enable to Q (Figure 2)
2.0
9.5
1.5
10
ns
tPZL
Propagation Delay, Output Enable to Q (Figure 2)
2.0
9.0
1.5
10
ns
tPHZ
Propagation Delay, Output Enable to Q (Figure 2)
2.0
10.5
1.5
11.5
ns
tPLZ
Propagation Delay, Output Enable to Q (Figure 2)
2.0
8.5
1.5
9.0
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
40
pF
TIMING REQUIREMENTS (VCC=5.0 V ± 10%, CL=50pF, Input tr=tf=3.0 ns)
Guaranteed Limit
Symbol
Parameter
25
°C
-40
°C to 85°C
Unit
tSU
Minimum Setup Time, Data to Clock
(Figure 3)
2.5
2.5
ns
th
Minimum Hold Time, Clock to Data
(Figure 3)
1.0
1.0
ns
tw
Minimum Pulse Width, Clock (Figure 1)
3.0
4.0
ns
4


Similar Part No. - KK74ACT574DW

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT573 KODENSHI-KK74ACT573 Datasheet
350Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
KK74ACT573DW KODENSHI-KK74ACT573DW Datasheet
350Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
KK74ACT573N KODENSHI-KK74ACT573N Datasheet
350Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74ACT574DW

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT374A INTEGRAL-IN74HCT374A Datasheet
120Kb / 5P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74HCT574A INTEGRAL-IN74HCT574A Datasheet
114Kb / 5P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC574 IKSEMICON-IN74AC574 Datasheet
245Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC374A INTEGRAL-IN74HC374A Datasheet
115Kb / 5P
   Octal 3-State Noninverting D Flip-Flop (High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT374A KODENSHI-KK74HCT374A Datasheet
248Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT574 IKSEMICON-IN74ACT574 Datasheet
323Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC574 KODENSHI-KK74AC574 Datasheet
338Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC574A IKSEMICON-IN74HC574A Datasheet
195Kb / 7P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74HCT374A IKSEMICON-IN74HCT374A Datasheet
234Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC574A KODENSHI-KK74HC574A Datasheet
219Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com