Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74ACT27N Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74ACT27N
Description  Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT27N Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74ACT27N Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT27N Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT27N Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT27N Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT27N Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
KK74ACT27
Triple 3-Input NOR Gate
High-Speed Silicon-Gate CMOS
ORDERING INFORMATION
KK74ACT27N Plastic
KK74ACT27D SOIC
TA = -40° to 85° C for all packages
The KK74ACT27 is identical in pinout to the LS/ALS27, HC/HCT27.
The KK74ACT27 may be used as a level converter for interfacing TTL or
NMOS outputs to High Speed CMOS inputs.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
B
C
Y
H
X
X
L
X
H
X
L
X
X
H
L
L
L
L
H
1


Similar Part No. - KK74ACT27N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT273 KODENSHI-KK74ACT273 Datasheet
287Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74ACT273DW KODENSHI-KK74ACT273DW Datasheet
287Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74ACT273N KODENSHI-KK74ACT273N Datasheet
287Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74ACT27N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC27 IKSEMICON-IN74AC27 Datasheet
158Kb / 5P
   Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC27 KODENSHI-KK74AC27 Datasheet
213Kb / 5P
   Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT27 IKSEMICON-IN74ACT27 Datasheet
158Kb / 5P
   Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
IW4025B IKSEMICON-IW4025B Datasheet
150Kb / 5P
   Triple 3-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4025B KODENSHI-KK4025B Datasheet
224Kb / 5P
   Triple 3-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD54HC27 TI-CD54HC27 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27 TI-CD54HC27_06 Datasheet
261Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27 TI1-CD54HC27_14 Datasheet
612Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD74HC27 TI-CD74HC27 Datasheet
43Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input NOR Gate
logo
KODENSHI_AUK CORP.
KK74AC10 KODENSHI-KK74AC10 Datasheet
224Kb / 5P
   Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com