Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30BQ060PBF Datasheet(PDF) 1 Page - International Rectifier

Part # 30BQ060PBF
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30BQ060PBF Datasheet(HTML) 1 Page - International Rectifier

  30BQ060PBF Datasheet HTML 1Page - International Rectifier 30BQ060PBF Datasheet HTML 2Page - International Rectifier 30BQ060PBF Datasheet HTML 3Page - International Rectifier 30BQ060PBF Datasheet HTML 4Page - International Rectifier 30BQ060PBF Datasheet HTML 5Page - International Rectifier 30BQ060PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCHOTTKY RECTIFIER
3 Amp
30BQ060PbF
Bulletin PD-20408 07/04
1
www.irf.com
Major Ratings and Characteristics
I
F(AV) Rectangular
3.0
A
waveform
V
RRM
60
V
I
FSM @ t p= 5 µs sine
1200
A
V
F
@3.0 Apk, T
J= 125°C
0.52
V
T
J
range
- 55 to 150
°C
Characteristics
Value
Units
The 30BQ060PbF surface-mount Schottky rectifier has been
designed for applications requiring low forward drop and small
foot prints on PC boards. Typical applications are in disk drives,
switching power supplies, converters, free-wheeling diodes,
battery charging, and reverse battery protection.
Small foot print, surface mountable
Very low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Lead-Free ("PbF" suffix)
Description/ Features
Case Styles
30BQ060PbF
SMC
IF(AV) = 3.0Amp
VR = 60V


Similar Part No. - 30BQ060PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ060PBF VISHAY-30BQ060PBF Datasheet
102Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 17-Apr-08
30BQ060PBF VISHAY-30BQ060PBF Datasheet
121Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ060PBF VISHAY-30BQ060PBF_10 Datasheet
121Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
More results

Similar Description - 30BQ060PBF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com