Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7N60A Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 7N60A
Description  7 Amps, 600/650 Volts N-CHANNEL MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N60A Datasheet(HTML) 7 Page - Unisonic Technologies

  7N60A Datasheet HTML 1Page - Unisonic Technologies 7N60A Datasheet HTML 2Page - Unisonic Technologies 7N60A Datasheet HTML 3Page - Unisonic Technologies 7N60A Datasheet HTML 4Page - Unisonic Technologies 7N60A Datasheet HTML 5Page - Unisonic Technologies 7N60A Datasheet HTML 6Page - Unisonic Technologies 7N60A Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7N60A
Power MOSFET
TYPICAL CHARACTERISTICS (Cont.)
-50
1.1
0.9
Junction Temperature, TJ (℃)
Drain-Source Voltage vs.
Junction Temperature
175
0
100
0.8
1.0
1.2
Junction Temperature, TJ (℃)
ON-Resistance v
Junction Temper
s.
ature
175
-50
100
0.0
1.0
2.5
25
150
75
Note:
1. VGS = 0V
2. ID = 250μA
0
150
125
75
50
25
-25
0.5
1.5
2.0
3.0
50
-25
125
Note:
1. VGS
2. ID
= 10V
= 3.5A
UTC assumes no responsibility for equipment failures that result from using products at
exceed, even momentarily, rated values (such as maximum ratings, operating conditi
other parameters) listed in products specifications of any and all UTC products described or
herein. UTC products are not designed for use in life support appliances, devices or sy
malfunction of these products can be reasonably expected to result in personal injury. Re
whole or in part is prohibited without the prior written consent of the copyright owner. T
presented in this document does not form part of any quotation or contract, is believed to
values that
on ranges, or
contained
stems where
production in
he information
be accurate
and reliable and may be changed without notice.
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R502-111.
,A


Similar Part No. - 7N60A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60A UTC-7N60A Datasheet
280Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60A UTC-7N60A Datasheet
250Kb / 7P
   7A, 600V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
7N60A ISC-7N60A Datasheet
65Kb / 2P
   Fast Switching Speed
logo
DONGGUAN YOU FENG WEI E...
7N60A YFWDIODE-7N60A Datasheet
1Mb / 7P
   7A 600V N-channel enhanced field effect transistor
logo
Fairchild Semiconductor
7N60A4 FAIRCHILD-7N60A4 Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
More results

Similar Description - 7N60A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60A UTC-7N60A_09 Datasheet
280Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
6N60 UTC-6N60_10 Datasheet
249Kb / 6P
   6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60Z UTC-7N60Z Datasheet
194Kb / 6P
   7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60L UTC-7N60L Datasheet
182Kb / 7P
   7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60_10 Datasheet
358Kb / 7P
   12 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60 Datasheet
235Kb / 6P
   12 Amps, 600/650 Volts N-CHANNEL MOSFET
1N60 UTC-1N60_10 Datasheet
275Kb / 6P
   1.2 Amps, 600/650 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A_09 Datasheet
224Kb / 8P
   0.5 Amps, 600/650 Volts N-CHANNEL MOSFET
6N60 UTC-6N60 Datasheet
141Kb / 7P
   6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
5N60 UTC-5N60_10 Datasheet
242Kb / 6P
   4.5 Amps, 600/650 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com