Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G697L293TOUF Datasheet(PDF) 11 Page - Global Mixed-mode Technology Inc

Part # G697L293TOUF
Description  Microprocessor Reset IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G697L293TOUF Datasheet(HTML) 11 Page - Global Mixed-mode Technology Inc

Back Button G697L293TOUF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G697L293TOUF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G697L293TOUF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G697L293TOUF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G697L293TOUF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G697L293TOUF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G697L293TOUF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G697L293TOUF Datasheet HTML 10Page - Global Mixed-mode Technology Inc G697L293TOUF Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Ver: 1.8
May 10, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
11
G696/G697
Global Mixed-mode Technology Inc.
TSOT-23-5 (TO) Package
Note:
6. Package body sizes exclude mold flash protrusions or gate burrs
7. Tolerance ±0.1000 mm (4mil) unless otherwise specified
8. Coplanarity: 0.1000mm
9. Dimension L is measured in gage plane
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
-----
-----
1.00
-----
-----
0.039
A1
0.00
-----
0.10
0.000
-----
0.004
A2
-----
-----
0.90
-----
-----
0.035
b
0.35
0.40
0.50
0.014
0.016
0.020
C
0.10
0.15
0.25
0.004
0.006
0.010
D
2.70
2.90
3.10
0.106
0.114
0.122
E
1.40
1.60
1.80
0.055
0.063
0.071
e
-----
1.90(TYP)
-----
-----
0.075(TYP)
-----
e1
-----
0.95
-----
-----
0.037
-----
H
2.60
2.80
3.00
0.102
0.110
0.118
L
0.37
------
-----
0.015
-----
-----
θ1
Taping Specification
PACKAGE
Q’TY/REEL
SOT-23-5
3,000 ea
TSOT-23-5
3,000 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
E
e
D
H
θ1
L
C
b
A2
A1
A
e1
E
e
D
H
θ1
L
C
b
A2
A1
A
e1
Feed Direction
TSOT-23-5、SOT-23-5 Package Orientation
Feed Direction
TSOT-23-5、SOT-23-5 Package Orientation


Similar Part No. - G697L293TOUF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G697L293T GMT-G697L293T Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results

Similar Description - G697L293TOUF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com