Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74AC651N Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74AC651N
Description  Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC651N Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74AC651N Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC651N Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC651N Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC651N Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC651N Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74AC651N Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74AC651N Datasheet HTML 7Page - KODENSHI_AUK CORP. KK74AC651N Datasheet HTML 8Page - KODENSHI_AUK CORP. KK74AC651N Datasheet HTML 9Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TECHNICAL DATA
KK74AC651
Octal 3-State Bus Transceivers
and D Flip-Flops
High-Speed Silicon-Gate CMOS
ORDERING INFORMATION
KK74AC651N Plastic
KK74AC651DW SOIC
TA = -40° to 85° C for all packages
The
KK74AC651
is
identical
in
pinout
to
the
LS/ALS651,
HC/HCT651. The device inputs are compatible with standard CMOS
outputs; with pullup resistors, they are compatible with LS/ALS outputs.
These devices consists of bus transceiver circuits, D-type flip-flop,
and control circuitry arranged for multiplex transmission of data directly
from the data bus or from the internal storage registers. Direction and
Output Enable are provided to select the read-time or stored data function.
Data on the A or B Data bus, or both, can be stored in the internal D flip-
flops by low-to-high transitions at the appropriate clock pins (A-to-B
Clock or B-to-A Clock) regardless of the select or enable or enable
control pins. When A-to-B Source and B-to-A Source are in the real-time
transfer mode, it is also possible to store data without using the internal
D-type flip-flops by simultaneously enabling Direction and Output
Enable. In this configuration each output reinforces its input. Thus, when
all other data sources to the two sets of bus lines are at high impedance,
each set of bus lines will remain at its last state.
The KK74AC651 has inverted outputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA, 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 24=VCC
PIN 12 = GND
1


Similar Part No. - KK74AC651N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC652 KODENSHI-KK74AC652 Datasheet
507Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
KK74AC652DW KODENSHI-KK74AC652DW Datasheet
507Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
KK74AC652N KODENSHI-KK74AC652N Datasheet
507Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC651N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC652 KODENSHI-KK74AC652 Datasheet
507Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
KK74ACT652 KODENSHI-KK74ACT652 Datasheet
500Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT651 IKSEMICON-IN74ACT651 Datasheet
484Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
IN74AC651 IKSEMICON-IN74AC651 Datasheet
375Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT651 KODENSHI-KK74ACT651 Datasheet
499Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT652 IKSEMICON-IN74ACT652 Datasheet
484Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
IN74AC652 IKSEMICON-IN74AC652 Datasheet
371Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC651 SLS-SL74HC651 Datasheet
79Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HC652A KODENSHI-KK74HC652A Datasheet
453Kb / 10P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Performance Silicon-Gate CMOS
KK74HC651A KODENSHI-KK74HC651A Datasheet
454Kb / 10P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com