Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G696H293TOU Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G696H293TOU
Description  Microprocessor Reset IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G696H293TOU Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G696H293TOU Datasheet HTML 1Page - Global Mixed-mode Technology Inc G696H293TOU Datasheet HTML 2Page - Global Mixed-mode Technology Inc G696H293TOU Datasheet HTML 3Page - Global Mixed-mode Technology Inc G696H293TOU Datasheet HTML 4Page - Global Mixed-mode Technology Inc G696H293TOU Datasheet HTML 5Page - Global Mixed-mode Technology Inc G696H293TOU Datasheet HTML 6Page - Global Mixed-mode Technology Inc G696H293TOU Datasheet HTML 7Page - Global Mixed-mode Technology Inc G696H293TOU Datasheet HTML 8Page - Global Mixed-mode Technology Inc G696H293TOU Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Ver: 1.8
May 10, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G696/G697
Global Mixed-mode Technology Inc.
Typical Operating Characteristics
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V
for 463/438/400/330 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263/250 version.)
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
1.04
1.05
1.06
-40 -30 -20 -10
0
1020
2730405060708090
T
A, A mbient Temperature (°C)
V
TH+
V
TH-
Supply Current vs. VCC
0
1
2
3
4
5
6
7
8
0 0.6 1 1.2 1.5 1.8 2.1 2.4 2.7 3 3.2 3.3 3.4 3.5 3.7 3.9 4 4.5 5 5.5 6
VCC (V)
Normalized Reset Threshold vs. Temperature
0.1
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
CD, Delay Pin Capacitance (
µF)
Output Time Delay vs. Capacitance
(VCC<VTH to output change)
0.1
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
CD, Delay Pin Capacitance (
µF)
0
1
2
3
4
5
6
7
-40
-20
0
204060
80
Temperature (
°C)
V
CC=5V
V
CC=3.3V
V
CC=2.5V
Supply Curremt vs. Temperature (No Load)
Output Time Delay vs. Capacitance
(VCC>VTH to output change)
0
5
10
15
20
25
30
35
40
3
2.4
1.8
1.2
0.6
0.4
0.2
0.05
V
CD, Delay Pin Voltage (V)
V
CC=3V
V
CC=2.5V
V
CC=1.5V
CD Delay Pin Sink Current vs. Voltage


Similar Part No. - G696H293TOU

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G696H293T GMT-G696H293T Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results

Similar Description - G696H293TOU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com