Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM100CVA120 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PM100CVA120
Description  USING INTELLIGENT POWER MODULES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM100CVA120 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PM100CVA120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM100CVA120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM100CVA120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM100CVA120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM100CVA120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM100CVA120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Sep.1998
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Ratings
Symbol
PM10CSJ060
Units
Power Device Junction Temperature
Tj
-20 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Case Operating Temperature
TC
-20 to 100
°C
Mounting Torque, M4 Mounting Screws
0.98 ~ 1.47
N · m
Module Weight (Typical)
60
Grams
Supply Voltage Protected by OC and SC (VD = 13.5 - 16.5V, Inverter Part)
VCC(prot.)
400
Volts
Isolation Voltage (Main Terminal to Baseplate, AC 1 min.)
Viso
2500
Vrms
Control Sector
Supply Voltage (Applied between VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC)VD
20
Volts
Input Voltage (Applied between UP-VUPC, VP-VVPC, WP-VWPC, UN · VN · WN-VNC)VCIN
20
Volts
Fault Output Supply Voltage (Applied between UFO-VUPC, VFO-VVPC, WFO-VWPC, FO-VNC)
VFO
20
Volts
Fault Output Current (Sink Current of UFO, VFO, WFO and FO Terminal)
IFO
20
mA
IGBT Inverter Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V)
VCES
600
Volts
Collector Current, (TC = 25°C)
IC
10
Amperes
Peak Collector Current, (TC = 25°C)
ICP
20
Amperes
Supply Voltage (Applied between P - N)
VCC
450
Volts
Supply Voltage, Surge (Applied between P - N)
VCC(surge)
500
Volts
Collector Dissipation
PC
39
Watts
MITSUBISHI INTELLIGENT POWER MODULES
PM10CSJ060
FLAT-BASE TYPE
INSULATED PACKAGE


Similar Part No. - PM100CVA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM100CVA120 MITSUBISHI-PM100CVA120 Datasheet
61Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM100CVA120 POWEREX-PM100CVA120 Datasheet
186Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
logo
Mitsubishi Electric Sem...
PM100CVA120 MITSUBISHI-PM100CVA120 Datasheet
80Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CVA120 MITSUBISHI-PM100CVA120 Datasheet
83Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CVA120 MITSUBISHI-PM100CVA120_05 Datasheet
80Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM100CVA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM50B4L1C060 MITSUBISHI-PM50B4L1C060 Datasheet
327Kb / 10P
   INTELLIGENT POWER MODULES
PM50RSE120 MITSUBISHI-PM50RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM75B4L1C060 MITSUBISHI-PM75B4L1C060 Datasheet
323Kb / 10P
   INTELLIGENT POWER MODULES
PM300RL1A060 MITSUBISHI-PM300RL1A060 Datasheet
155Kb / 9P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com