Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74AC158N Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74AC158N
Description  Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC158N Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74AC158N Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC158N Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC158N Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC158N Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC158N Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74AC158N Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KK74AC158
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, Input A or B to Output Y
(Figure 1)
3.3
5.0
1.5
1.5
9.0
7.0
1.5
1.0
10.0
7.5
ns
tPHL
Propagation Delay, Input A or B to Output Y
(Figure 1)
3.3
5.0
1.5
1.5
8.0
6.5
1.0
1.0
8.5
6.5
ns
tPLH
Propagation Delay, Select to Output Y (Figure
2)
3.3
5.0
1.5
1.5
11.5
9.0
1.5
1.0
12.5
9.5
ns
tPHL
Propagation Delay, Select to Output Y (Figure
2)
3.3
5.0
1.5
1.5
11.5
9.0
1.5
1.5
12.5
10.0
ns
tPLH
Propagation Delay, Output Enable to
Output Y (Figure 3)
3.3
5.0
1.5
1.5
12.0
9.5
1.5
1.5
13.0
10.5
ns
tPHL
Propagation Delay, Output Enable to
Output Y (Figure 3)
3.3
5.0
1.5
1.5
11.0
8.5
1.5
1.0
12.0
9.5
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
45
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms
4


Similar Part No. - KK74AC158N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC151 KODENSHI-KK74AC151 Datasheet
293Kb / 6P
   8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74AC151D KODENSHI-KK74AC151D Datasheet
293Kb / 6P
   8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74AC151N KODENSHI-KK74AC151N Datasheet
293Kb / 6P
   8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74AC153 KODENSHI-KK74AC153 Datasheet
322Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74AC153D KODENSHI-KK74AC153D Datasheet
322Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC158N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC157 IKSEMICON-IN74AC157 Datasheet
207Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
IN74ACT157 IKSEMICON-IN74ACT157 Datasheet
208Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
IN74ACT158 IKSEMICON-IN74ACT158 Datasheet
255Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT157 KODENSHI-KK74ACT157 Datasheet
282Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74AC157 KODENSHI-KK74AC157 Datasheet
283Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC158 IKSEMICON-IN74AC158 Datasheet
192Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT158 KODENSHI-KK74ACT158 Datasheet
268Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74ACT151 KODENSHI-KK74ACT151 Datasheet
299Kb / 6P
   8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74AC151 KODENSHI-KK74AC151 Datasheet
293Kb / 6P
   8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC151 IKSEMICON-IN74AC151 Datasheet
205Kb / 6P
   8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com