Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5130-42T21U Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G5130-42T21U
Description  PSM Step-up DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5130-42T21U Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

Back Button G5130-42T21U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5130-42T21U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5130-42T21U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5130-42T21U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5130-42T21U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5130-42T21U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5130-42T21U Datasheet HTML 9Page - Global Mixed-mode Technology Inc G5130-42T21U Datasheet HTML 10Page - Global Mixed-mode Technology Inc G5130-42T21U Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Ver: 0.5 Preliminary
Aug 18, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G5130/G5131
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
0
10
20
30
40
50
60
70
80
90
100
0
20 40 60 80 100 120 140 160 180 200
Output Current (mA)
VOUT=3.3V
1.5V
2.0V
2.5V
3.0V
0
10
20
30
40
50
60
70
80
90
100
0
20 40 60 80 100 120 140 160 180 200
Output Current (mA)
VOUT=5.0V
3.0V
2.5V
2.0V
1.5V
0
25
50
75
100
125
150
-40
-20
0
20
40
60
80
100
Temperature (
°C)
0
5
10
15
20
25
30
-40
-20
0
20
40
60
80
100
Temperature (°C)
IDD1
IDD2
0
0.5
1
1.5
2
2.5
3
-40
-20
0
20
40
60
80
100
Temperature (°C)
50
55
60
65
70
75
80
85
90
95
100
-40
-20
0
20
40
60
80
100
Temperature (°C)
RDS_on vs Temperature
Supply Current vs. Temperature
Duty vs. Temperature
Frequency vs. Temperature
Efficiency vs Output Current
Efficiency vs Output Current


Similar Part No. - G5130-42T21U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5130-42T21U GMT-G5130-42T21U Datasheet
323Kb / 10P
   PSM Step-up DC/DC Converter
G5130-42T21UF GMT-G5130-42T21UF Datasheet
323Kb / 10P
   PSM Step-up DC/DC Converter
More results

Similar Description - G5130-42T21U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5130 GMT-G5130 Datasheet
323Kb / 10P
   PSM Step-up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com