Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74AC109 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74AC109
Description  Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC109 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74AC109 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC109 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC109 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC109 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC109 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74AC109 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
KK74AC109
Dual J-K Flip-Flop
with Set and Reset
ORDERING INFORMATION K
KK74AC109N Plastic
KK74AC109D SOIC
TA = -40° to 85° C for all packages
High-Speed Silicon-Gate CMOS
The KK74AC109 is identical in pinout to the LS/ALS109,HC/HCT109.
The device inputs are compatible with standard CMOS outputs, with
pullup resistors, they are compatible with LS/ALS outputs.
This device consists of two J-K flip-flops with individual set, reset,
and clock inputs. Changes at the inputs are reflected at the outputs with
the next low-to-high transition of the clock. Both Q to Q outputs are
available from each flip-flop.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA
LOGIC DIAGRAM
PIN 16=VCC
PIN 8 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
Set
Reset
Clock
J
K
Q
Q
L
H
X
X
X
H
L
H
L
X
X
X
L
H
L
L
X
X
X
H
*
H
*
H
H
L
L
L
H
H
H
H
L
Toggle
H
H
L
H
No Change
H
H
H
H
H
L
H
H
L
X
X
No Change
X = Don’t care
*Both outputs will remain high as long as Set and
Reset are low, but the output states are
unpredictable if Set and Reset go high
simultaneously.
1


Similar Part No. - KK74AC109

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC10 KODENSHI-KK74AC10 Datasheet
224Kb / 5P
   Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74AC10D KODENSHI-KK74AC10D Datasheet
224Kb / 5P
   Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74AC10N KODENSHI-KK74AC10N Datasheet
224Kb / 5P
   Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC109

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC112 INTEGRAL-IN74AC112 Datasheet
179Kb / 5P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT109 KODENSHI-KK74ACT109 Datasheet
291Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC112 IKSEMICON-IN74AC112 Datasheet
223Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
IN74ACT112 IKSEMICON-IN74ACT112 Datasheet
219Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC109 INTEGRAL-IN74AC109 Datasheet
170Kb / 5P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT112 KODENSHI-KK74ACT112 Datasheet
309Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
KK74AC112 KODENSHI-KK74AC112 Datasheet
328Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT109 IKSEMICON-IN74ACT109 Datasheet
190Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
IN74AC109 IKSEMICON-IN74AC109 Datasheet
224Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
IN74HCT109A IKSEMICON-IN74HCT109A Datasheet
231Kb / 6P
   Dual J-K Flip-Flop with set and Reset High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com