Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5121TP1U Datasheet(PDF) 10 Page - Global Mixed-mode Technology Inc

Part # G5121TP1U
Description  Fixed Frequency White LED Step-Up Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5121TP1U Datasheet(HTML) 10 Page - Global Mixed-mode Technology Inc

Back Button G5121TP1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5121TP1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5121TP1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5121TP1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5121TP1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5121TP1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5121TP1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5121TP1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc G5121TP1U Datasheet HTML 10Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Ver: 1.3
Nov 13, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
10
G5121
Global Mixed-mode Technology Inc.
TSOT-23-6 (TP) Package
Note:
1.
Dimension D does not include mold flash, protrusions or tate burrs. Mold flash, protrusions or gate burrs shall not exceed
0.1mm PER end. Dimension E1 does not include interlead flash or protrusion. Interlead flash or protrusion shall not ex-
ceed 0.15mm PER side.
2.
The package top may be smaller than the package bottom. Dimensions D and E1 are determined at the outermost ex-
tremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mis-
match between the top and bottom of the plastic body.
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.75
-----
1.00
0.030
-----
0.039
A1
0.00
-----
0.10
0.000
-----
0.004
A2
0.70
0.75
0.80
0.028
0.030
0.031
b
0.35
-----
0.51
0.014
-----
0.020
C
0.10
-----
0.25
0.004
-----
0.010
D
2.80
2.90
3.00
0.110
0.114
0.118
E
2.60
2.80
3.00
0.102
0.110
0.118
E1
1.50
1.60
1.70
0.059
0.063
0.067
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.37
-----
-----
0.015
-----
-----
y
-----
-----
0.10
-----
0.004
θ1
-----
-----
Taping Specification
PACKAGE
Q’TY/REEL
SOT-23-6
3,000 ea
TSOT-23-6
3,000 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
E1
D
E
θ1
L
C
b
A2
A
e1
e
A1
y
E1
D
E
θ1
L
C
b
A2
A
e1
e
A1
y
Feed Direction
SOT- 23-6 / TSOT-23-6 Package Orientation
Feed Direction
SOT- 23-6 / TSOT-23-6 Package Orientation


Similar Part No. - G5121TP1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5121TB1U GMT-G5121TB1U Datasheet
579Kb / 9P
   Fixed Frequency White LED Step-Up Converter
More results

Similar Description - G5121TP1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5121 GMT-G5121 Datasheet
579Kb / 9P
   Fixed Frequency White LED Step-Up Converter
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com