Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK24LC08B Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK24LC08B
Description  4K/8K 2.5V CMOS Serial EEPROMs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK24LC08B Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK24LC08B Datasheet HTML 1Page - KODENSHI_AUK CORP. KK24LC08B Datasheet HTML 2Page - KODENSHI_AUK CORP. KK24LC08B Datasheet HTML 3Page - KODENSHI_AUK CORP. KK24LC08B Datasheet HTML 4Page - KODENSHI_AUK CORP. KK24LC08B Datasheet HTML 5Page - KODENSHI_AUK CORP. KK24LC08B Datasheet HTML 6Page - KODENSHI_AUK CORP. KK24LC08B Datasheet HTML 7Page - KODENSHI_AUK CORP. KK24LC08B Datasheet HTML 8Page - KODENSHI_AUK CORP. KK24LC08B Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
KK24LC04B/08B
Figure 1. Representative Block Diagram
ELECTRICAL CHARACTERISTICS
Maximum Ratings*
Parameter
Value
VCC
7.0 V
All inputs and outputs w.r.t.Vss
-0.3V to Vcc + 1.0V
Storage temperature
-65
oC to +150oC
Ambient temp. with power applied
-40 to +85
oC
Soldering temperature of leads (10 seconds)
+300
oC
ESD protection on all pins
> 4 kV
DC CHARACTERISTICS
Vcc = +2.5V to +5.5V Commercial: Tamb = -40to +85
Parameter
Symbol
Min
Max
Units
Mode
WP, SCL and SDA pins:
High level input voltage
Low level input voltage
Hysteresis of Schmitt trigger inputs
Low level output voltage
VlH
VIL
VHYS
VOL
0.7VCC
-
0.05VCC
-
-
0.3VCC
-
0.40
V
V
V
V
Note 1
IOL = 3.0mA, VCC = 2.5V
Input leakage current
ILI
-10
10
µA VlN=0.1V to VCC
Output leakage current
ILO
-10
10
µA VOUT=0.1V to VCC
Pin capacitance (all inputs/outputs)
CIN
COUT
-
10
pF
VCC = 5.0V (Note 1)
Tamb =25
oC, Fclk =1MHz
Operating current
ICC WRITE
ICCREAD
-
-
3
1
mA
mA
VCC = 5.5V SCL = 400kHz
Standby current
ICCS
-
-
30
100
µA
µA
SDA=SCL=VCC=3.0V,
SDA=SCL=VCC=5.5V
2


Similar Part No. - KK24LC08B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK24LC08 KODENSHI-KK24LC08 Datasheet
223Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
More results

Similar Description - KK24LC08B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN24LC04 INTEGRAL-IN24LC04 Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
KODENSHI_AUK CORP.
KK24LC04 KODENSHI-KK24LC04 Datasheet
223Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
Microchip Technology
24LC04B MICROCHIP-24LC04B Datasheet
88Kb / 12P
   4K/8K 2.5V I 2 C Serial EEPROMs
2007
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
   4K/8K 1.8V I2C Serial EEPROMs
1996
logo
KODENSHI_AUK CORP.
KK24LC02B KODENSHI-KK24LC02B Datasheet
265Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
logo
Integral Corp.
IN24LC02B INTEGRAL-IN24LC02B Datasheet
246Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com