Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G914ZF Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G914ZF
Description  300mA High PSRR, Low-Noise LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G914ZF Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G914ZF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G914ZF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G914ZF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G914ZF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G914ZF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G914ZF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G914ZF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G914ZF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G914ZF Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ver: 1.8
Jul 24, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G914X
Global Mixed-mode Technology Inc.
300mA High PSRR, Low-Noise LDO Regulators
Features
Ultra Low Output Noise
⎯30µV (rms)
Ultra Low 55µA No-Load Supply Current
Ultra Low Dropout 70mV @ 50mA Load
Guarantee 300mA Output Current
Over-Temperature and Short-Circuit Protection
Fixed Mode: 2.70V (G914A), 2.80V (G914B)
3.00V (G914C), 3.30V (G914D)
2.50V (G914E), 2.85V (G914F)
1.50V (G914G), 1.80V (G914H)
Adjustable Mode: from 1.25V to 5.50V (G914Z)
PSRR=70dB
Max. Supply Current in Shutdown Mode < 1µA
Stable with low cost ceramic capacitors
Applications
Notebook Computers
Cellular Phones
PDA
Hand-Held Devices
Battery-Powered Application
General Description
The G914X is a low supply current, high PSRR low
dropout linear regulator that comes in a space saving
SOT-23-5 package. The supply current at no-load is
55µA. In the shutdown mode, the maximum supply
current is less than 1µA. Operating voltage range of
the G914X is from 2.5V to 5.5V. The over-current pro-
tection limit is set at 500mA typical and 400mA mini-
mum. An over- temperature protection circuit is built-in
in the G914X to prevent thermal overload. These
power saving features make the G914X ideal for use
in the battery-powered applications such as notebook
computers, cellular phones, and PDA’s.
Ordering Information
ORDER
NUMBER
ORDER NUMBER
(Pb free)
MARKING
VOLTAGE
TEMP.
RANGE
PACKAGE
G914A
G914Af
4Axx
2.70V
-40°C~ +85°C
SOT-23-5
G914B
G914Bf
4Bxx
2.80V
-40°C~ +85°C
SOT-23-5
G914C
G914Cf
4Cxx
3.00V
-40°C~ +85°C
SOT-23-5
G914D
G914Df
4Dxx
3.30V
-40°C~ +85°C
SOT-23-5
G914E
G914Ef
4Exx
2.50V
-40°C~ +85°C
SOT-23-5
G914F
G914Ff
4Fxx
2.85V
-40°C~ +85°C
SOT-23-5
G914G
G914Gf
4Gxx
1.50V
-40°C~ +85°C
SOT-23-5
G914H
G914Hf
4Hxx
1.80V
-40°C~ +85°C
SOT-23-5
G914Z
G914Zf
4Zxx
Adjustable
-40°C~ +85°C
SOT-23-5
Pin Configuration
Typical Application Circuit
IN
OUT
GND
SHDN
C
IN
1µF
BATTERY
OUTPUT
VOLTAGE
COUT
4.7µF
Fixed mode
BYP
CBYP
10nF
OUT
BYP
SOT-23-5
5
4
1
IN
2
3
GND
SHDN
OUT
SET
SOT-23-5
5
4
1
IN
2
3
GND
SHDN
G914Z
G914A~G914H
IN
OUT
SHDN
SET
GND
BATTERY
C
IN
1µF
R1
R2
C
OUT
4.7µF
OUTPUT
VOLTAGE
Adjustable mode
G914A~G914H
G914Z
IN
OUT
GND
SHDN
C
IN
1µF
BATTERY
OUTPUT
VOLTAGE
COUT
4.7µF
Fixed mode
BYP
CBYP
10nF
OUT
BYP
SOT-23-5
5
4
1
IN
2
3
GND
SHDN
OUT
SET
SOT-23-5
5
4
1
IN
2
3
GND
SHDN
G914Z
G914A~G914H
IN
OUT
SHDN
SET
GND
BATTERY
C
IN
1µF
R1
R2
C
OUT
4.7µF
OUTPUT
VOLTAGE
Adjustable mode
G914A~G914H
G914Z


Similar Part No. - G914ZF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9141 GMT-G9141 Datasheet
85Kb / 1P
   600mA Low-Dropout Linear Regulators
G914A GMT-G914A Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G914B GMT-G914B Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G914C GMT-G914C Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
More results

Similar Description - G914ZF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G916 GMT-G916 Datasheet
480Kb / 13P
   300mA High PSRR, Low Noise, LDO Regulators
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G916 GMT-G916_15 Datasheet
91Kb / 2P
   300mA High PSRR, Low Noise, LDO Regulators
G914X GMT-G914X_15 Datasheet
63Kb / 1P
   300mA High PSRR, Low-Noise LDO Regulators
G918 GMT-G918 Datasheet
49Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com