Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G914ZF Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G914ZF
Description  300mA High PSRR, Low-Noise LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G914ZF Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G914ZF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G914ZF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G914ZF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G914ZF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G914ZF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G914ZF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G914ZF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G914ZF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G914ZF Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Ver: 1.8
Jul 24, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G914X
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +7V
Output Short-Circuit Duration. . . . . . . . . . .. . . . . .Infinite
All Other Pins to GND. . . . . . . . . . .-0.3V to (VIN + 0.3V)
Thermal Resistance Junction to Ambient, (θJA)
SOT-23-5. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240°C/W
Operating Temperature Range. . . . . . .-40°C to +85°C
Juction Temperature. . . . . . . . . . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . -65°C to +160°C
Reflow Temperature (soldering, 10sec) . . . . . . 260°C
Note
(1): See Recommended Minimum Footprint
Stresses beyond those listed under
Absolute Maximum Ratingsmay cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VIN=VOUT(STD)+1V, V SHDN =VIN, TA=TJ =25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Input Voltage (Note 2)
VIN
Note2
---
5.5
V
Variation from specified VOUT, IOUT=1mA,VOUT≥2.5V version
-2
---
2
For G914H, IOUT=1mA
-3
---
3
Output Voltage Accuracy
VOUT
For G914G, IOUT=1mA
-4
---
4
%
Maximum Output Current
---
300
---
mA
Current Limit (Note 3)
ILIM
---
500
---
mA
ILOAD = 0mA
---
55
120
ILOAD = 50mA
---
145
---
Ground Pin Current
IQ
VIN =3.6V
ILOAD = 300mA
---
265
---
µA
IOUT = 1mA
---
2
---
IOUT = 50mA, VOUT ≥ 2.7V Version
---
70
---
VO (NOM) ≥ 3.0V
---
230
---
2.5V
≤V
O (NOM) ≤2.85V
---
250
---
VO (NOM) = 1.8V
---
380
---
IOUT = 150mA
VO (NOM) = 1.5V
---
510
---
VO (NOM) ≥ 3.0V
---
450
600
2.5V
≤V
O (NOM) ≤2.85V
---
500
660
VO (NOM) = 1.8V
---
760
1500
Dropout Voltage (Note 4)
VDROP
IOUT =300mA
VO (NOM) = 1.5V
---
910
1800
mV
Line Regulation
ΔV
LNR
VIN=VOUT+100mV to 5.5V, IOUT= 1mA
---
0.1
0.28
%/V
Load Regulation (Note 5)
ΔV
LDR
IOUT = 10mA to 300mA
---
0.1
1
%
Power Supply Rejection Ratio
PSRR
IOUT = 10mA CBYP = 10nF, f = 120HZ
---
70
---
dB
Output Voltage Temperature
Coefficient
ΔVO/ΔT I
OUT = 50mA, TJ = 25°C to 125°C
---
30
---
ppm/°C
COUT = 1µF, IOUT = 150mA, CBYP=1nF
---
52
---
COUT = 1µF, IOUT = 150mA, CBYP=10nF
---
35
---
COUT = 1µF, IOUT = 150mA, CBYP= 100nF
---
30
---
Output Voltage Noise
(10Hz to 100kHz)
(G914H)
en
VIN=VOUT+1V
COUT = 1µF, IOUT = 1mA, CBYP = 10nF
---
26
---
µV
RMS


Similar Part No. - G914ZF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9141 GMT-G9141 Datasheet
85Kb / 1P
   600mA Low-Dropout Linear Regulators
G914A GMT-G914A Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G914B GMT-G914B Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G914C GMT-G914C Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
More results

Similar Description - G914ZF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G916 GMT-G916 Datasheet
480Kb / 13P
   300mA High PSRR, Low Noise, LDO Regulators
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G916 GMT-G916_15 Datasheet
91Kb / 2P
   300mA High PSRR, Low Noise, LDO Regulators
G914X GMT-G914X_15 Datasheet
63Kb / 1P
   300mA High PSRR, Low-Noise LDO Regulators
G918 GMT-G918 Datasheet
49Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com