Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G1431F2U Datasheet(PDF) 11 Page - Global Mixed-mode Technology Inc

Part # G1431F2U
Description  2W Stereo Audio Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1431F2U Datasheet(HTML) 11 Page - Global Mixed-mode Technology Inc

Back Button G1431F2U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1431F2U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1431F2U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1431F2U Datasheet HTML 9Page - Global Mixed-mode Technology Inc G1431F2U Datasheet HTML 10Page - Global Mixed-mode Technology Inc G1431F2U Datasheet HTML 11Page - Global Mixed-mode Technology Inc G1431F2U Datasheet HTML 12Page - Global Mixed-mode Technology Inc G1431F2U Datasheet HTML 13Page - Global Mixed-mode Technology Inc G1431F2U Datasheet HTML 14Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Ver: 1.5
Oct 25, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
11
G1431
Global Mixed-mode Technology Inc.
Application Information
Gain setting via GAIN0 and GAIN1 inputs
The internal gain setting is determined by two input
terminals, GAIN0 and GAIN1. The gains listed in Table
1 are realized by changing the taps on the input resis-
tors inside the amplifier. This will cause the internal
input impedance, ZI, to be dependent on the gain set-
ting. Although the real input impedance will shift by
30% due to process variation from part-to-part, the
actual gain settings are controlled by the ratios of the
resistors and the actual gain distribution from part-to-
part is quite good.
Table 1
GAIN0
GAIN1
AV (dB)
0
0
6
0
1
10
1
0
15.6
1
1
21.6
Input Resistance
The typical input impedance at each gain setting is
given in the Table 2. Each gain setting is achieved by
varying the input resistance of the amplifier, which can
be over 6 times from its minimum value to the maxi-
mum value. As a result, if a single capacitor is used in
the input high pass filter, the –3dB or cut-off frequency
will be also change over 3.5 times. To reduce the
variation of the cut-off frequency, an additional resistor
can be connected from the input pin of the amplifier to
the ground, as shown in the figure below. With the
extra
resistor,
the
cut-off
frequency
can
be
re-calculated using equation : f-3dB= 1/ 2πC(R||RI).
Using small external R can reduce the variation of the
cut-off frequency. But the side effect is small external
R will also let (R||RI) become small, the cut-off fre-
quency will be larger and degraded the bass-band
performance. The other side effect is with extra power
dissipation through the external resistor R to the
ground. So using the external resistor R to flatting the
variation of the cut-off frequency, the user must also
consider the bass-band performance and the extra
power dissipation to choose the accepted external
resistor R value.
Table 2
Zi (k
Ω)
AV (dB)
30
21.6
45
15.6
70
10
90
6
Input Capacitor
In the typical application, an input capacitor Ci is re-
quired to allow the amplifier to bias the input signal to
the proper dc level for optimum operation. In this case,
Ci and the input impedance of the amplifier, Zi, form a
high-pass filter with the –3dB determined by the equa-
tion: f-3dB= 1/ 2πRI Ci
The value of Ci is important to consider as it directly
affects the bass performance of the application circuit.
For example, if the input resistor is 15k
Ω, the input
capacitor is 1µF, the flat bass response will be down to
10.6Hz.
Because the small leakage current of the input ca-
pacitors will cause the dc offset voltage at the input to
the amplifier that reduces the operation headroom,
especially at the high gain applications. The low-
leakage tantalum or ceramic capacitors are suggested
to be used as the input coupling capacitors. When
using the polarized capacitors, it is important to let the
positive side connecting to the higher dc level of the
application.
Power Supply Decoupling
The G1431 is a high-performance CMOS audio ampli-
fier that requires adequate power supply decoupling to
make sure the output total harmonic distortion (THD)
as low as possible. The optimum decoupling is using
two capacitors with different types that target different
types of noise on the power supply leads. For high
frequency transients, spikes, a good low ESR ceramic
capacitor works best, typically 0.1µF/1µF used and
placed as close as possible to the G1431 VDD lead. A
larger aluminum electrolytic capacitor of 10µF or
greater placed near the device power is recommended
for filtering low-frequency noise.
Optimizing DEPOP Operation
Circuitry has been implemented in G1431 to minimize
the amount of popping heard at power-up and when
coming out of shutdown mode. Popping occurs when-
ever a voltage step is applied to the speaker and
making the differential voltage generated at the two
ends of the speaker. To avoid the popping heard, the
bypass
capacitor
should
be
chosen
promptly,
1/(CBx170kΩ) ≦ 1/(CI*(RI+RF)). Where 170kΩ is the
output impedance of the mid-rail generator, CB is the
mid-rail bypass capacitor, CI is the input coupling ca-
pacitor, RI is the input impedance, RF is the gain set-
Input Signal
C
R
IN
Zi
Zf
Input Signal
C
R
IN
Zi
Zf


Similar Part No. - G1431F2U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1431F2U GMT-G1431F2U Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
More results

Similar Description - G1431F2U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
   2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
   2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432 Datasheet
334Kb / 15P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_16 Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1431 GMT-G1431_15 Datasheet
77Kb / 1P
   2W Stereo Audio Amplifier
G1430 GMT-G1430 Datasheet
416Kb / 26P
   2W Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com