Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G954-15 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G954-15
Description  2A Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G954-15 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G954-15 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G954-15 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G954-15 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G954-15 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G954-15 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G954-15 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G954-15 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G954-15 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ver: 0.9
Apr 24, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G954
Global Mixed-mode Technology Inc.
2A Low Dropout Regulator
Features
Fixed Output Voltage 1.2V, 1.5V, 1.8V and 2.5V
Over Current and Over Temperature Protection
Output Current 2A
TO-263 & TO-263T Package
Applications
Battery Powered Systems
Motherboards
Peripheral Cards
Network Cards
Set Top Boxes
Notebook Computers
General Description
The G954 is a high performance positive voltage
regulator designed for use in applications requiring
very low dropout voltage at up to 2 Amps. Since it has
superior dropout characteristics compared with regular
LDOs, it can be used to supply 2.5V on motherboards
or 1.5V, 1.8V on peripheral cards from the power sup-
ply thus allowing the elimination of costly heatsinks.
The G954 provides excellent regulation over variations
in line, load and temperature. It provides over current
and over temperature protection functions.
The G954 is available with 1.2V, 1.5V, 1.8V, 2.5V and
adjustable outputs in TO-263 & TO-263T package.
ORDER
NUMBER
MARKING
VOLTAGE
TEMP.
RANGE
PACKAGE
(Pb free)
G954-12T55U
G954-12
1.2V
-40°C ~ +85°C
TO-263
G954-15T55U
G954-15
1.5V
-40°C ~ +85°C
TO-263
G954-18T55U
G954-18
1.8V
-40°C ~ +85°C
TO-263
G954-25T55U
G954-25
2.5V
-40°C ~ +85°C
TO-263
G954-12TU5U
G954-12
1.2V
-40°C ~ +85°C
TO-263T
G954-15TU5U
G954-15
1.5V
-40°C ~ +85°C
TO-263T
G954-18TU5U
G954-18
1.8V
-40°C ~ +85°C
TO-263T
G954-25TU5U
G954-25
2.5V
-40°C ~ +85°C
TO-263T
Note: T5: TO-263
TU: TO-263T
5: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
G954
VO
220µF
VIN
220µF
Top View
1
2
3
TO-263/TO-263T
VIN
VO
GND
G954
VO
220µF
VIN
220µF
Top View
1
2
3
TO-263/TO-263T
VIN
VO
GND


Similar Part No. - G954-15

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G954-15T55U GMT-G954-15T55U Datasheet
316Kb / 7P
   2A Low Dropout Regulator
More results

Similar Description - G954-15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR2967 UTC-LR2967 Datasheet
173Kb / 4P
   2A, LOW DROPOUT REGULATOR
logo
Global Mixed-mode Techn...
G954 GMT-G954_15 Datasheet
41Kb / 1P
   2A Low Dropout Regulator
G954 GMT-G954 Datasheet
316Kb / 7P
   2A Low Dropout Regulator
logo
Unisonic Technologies
LR3865 UTC-LR3865 Datasheet
195Kb / 6P
   2A LOW DROPOUT LINEAR REGULATOR
logo
Rohm
BAXXDD0T ROHM-BAXXDD0T Datasheet
388Kb / 6P
   2A Low Dropout Voltage Regulator
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
   2A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
International Rectifier
IRU1120 IRF-IRU1120 Datasheet
61Kb / 9P
   2A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com