Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G954-12 Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G954-12
Description  2A Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G954-12 Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

  G954-12 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G954-12 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G954-12 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G954-12 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G954-12 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G954-12 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G954-12 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G954-12 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Ver: 0.9
Apr 24, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G954
Global Mixed-mode Technology Inc.
TO-263T (TU) Package
DIMENSIONS IN MILLIMETER
DIMENSIONS IN INCH
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
1.750
2.000
2.250
0.069
0.079
0.089
B
0.880
1.280
1.680
0.345
0.050
0.066
b
1.255
1.295
1.335
0.049
0.051
0.053
c
0.381
0.406
0.431
0.015
0.016
0.017
c1
0.356
0.406
0.456
0.014
0.016
0.018
D
9.660
10.160
10.660
0.380
0.400
0.420
E
8.380
8.680
8.980
0.330
0.342
0.354
e
-----
2.540
-----
-----
0.100
-----
e1
-----
5.080
-----
-----
0.200
-----
L
13.74
14.240
14.740
0.541
0.561
0.580
L1
-----
4.280
-----
-----
0.169
-----
L2
2.290
2.540
2.790
0.090
0.100
0.110
L3
-----
-----
1.778
-----
-----
0.070
V
-----
7.280
-----
-----
0.287
-----
Taping Specification
PACKAGE
Q’TY/REEL
TO-263
800 ea
TO-263T
1,500 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
D1
E
B
L3
e1
e
b
L
L1
V
A
c1
L2
c
D1
E
B
L3
e1
e
b
L
L1
V
A
c1
L2
c
Feed Direction
TO-263/TO-263T Package Orientation
Feed Direction
TO-263/TO-263T Package Orientation


Similar Part No. - G954-12

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G954-12T55U GMT-G954-12T55U Datasheet
316Kb / 7P
   2A Low Dropout Regulator
More results

Similar Description - G954-12

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR2967 UTC-LR2967 Datasheet
173Kb / 4P
   2A, LOW DROPOUT REGULATOR
logo
Global Mixed-mode Techn...
G954 GMT-G954_15 Datasheet
41Kb / 1P
   2A Low Dropout Regulator
G954 GMT-G954 Datasheet
316Kb / 7P
   2A Low Dropout Regulator
logo
Unisonic Technologies
LR3865 UTC-LR3865 Datasheet
195Kb / 6P
   2A LOW DROPOUT LINEAR REGULATOR
logo
Rohm
BAXXDD0T ROHM-BAXXDD0T Datasheet
388Kb / 6P
   2A Low Dropout Voltage Regulator
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
   2A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
International Rectifier
IRU1120 IRF-IRU1120 Datasheet
61Kb / 9P
   2A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com