Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G1117T63UF Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G1117T63UF
Description  1A Adjustable Low-Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1117T63UF Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G1117T63UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1117T63UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1117T63UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1117T63UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1117T63UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1117T63UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1117T63UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1117T63UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1117T63UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Ver: 1.9
Mar 07, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G1117
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
VIN= 4V, CIN= 10µF, COUT=10µF, TA=25°C, unless otherwise noted.
Temperature Stability
-1
-0.5
0
0.5
1
-40
-20
0
20
40
60
80
100
Temperature (°C)
0.9
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
0
200
400
600
800
1000
Output Current (mA)
85°C
25°C
-45°C
70
73
76
79
82
85
88
91
94
0
100
200
300
400
500
600
700
800
Load Current (mA)
-45°C
25°C
85°C
Line transient
Load Transient
Dropout Voltage vs. Load Current
IADJ Current vs. Load Current
0
10
20
30
40
50
60
10
100
1000
10000
100000
Frequency (Hz)
I
OUT = 100mA
I
OUT = 800mA
(V
IN - VOUT) > 3V
C
OUT = 10μF
I
OUT = 0.1A~0.8A
Ripple Rejection


Similar Part No. - G1117T63UF

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G1117 HAMAMATSU-G1117 Datasheet
172Kb / 4P
   GaAsP photodiode
logo
List of Unclassifed Man...
G1117 ETC2-G1117 Datasheet
81Kb / 2P
   For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
logo
Heyco.
G1117 HEYCO-G1117 Datasheet
92Kb / 1P
   Thick Panel Rubber Grommets
logo
Global Mixed-mode Techn...
G1117-15T43U GMT-G1117-15T43U Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
G1117-15T63U GMT-G1117-15T63U Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
More results

Similar Description - G1117T63UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
   1A Adjustable Low-Dropout Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
   1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com