Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G962-50T45U Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G962-50T45U
Description  2A Low Dropout Regulator with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G962-50T45U Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G962-50T45U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G962-50T45U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G962-50T45U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G962-50T45U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G962-50T45U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G962-50T45U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G962-50T45U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G962-50T45U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G962-50T45U Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Ver: 1.0
Jan 08, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G962
Global Mixed-mode Technology Inc.
Typical Characteristics
VEN=VIN, =5V, IO = 0.5A, CIN = 4.7µF, COUT =10µF, TA = TJ = 25°C
G962-18
Line Transient Response
G962-18
Load Transient Response
G962-25
Line Transient Response
G962-33
Line Transient Response
G962-50
Line Transient Response
G962-25
Load Transient Response


Similar Part No. - G962-50T45U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G962-15ADJTJU GMT-G962-15ADJTJU Datasheet
238Kb / 6P
   2A Low Dropout Regulator with Enable
G962-15ADJTJUF GMT-G962-15ADJTJUF Datasheet
238Kb / 6P
   2A Low Dropout Regulator with Enable
G962-18ADJTJU GMT-G962-18ADJTJU Datasheet
238Kb / 6P
   2A Low Dropout Regulator with Enable
G962-18ADJTJUF GMT-G962-18ADJTJUF Datasheet
238Kb / 6P
   2A Low Dropout Regulator with Enable
G962-25ADJTJU GMT-G962-25ADJTJU Datasheet
238Kb / 6P
   2A Low Dropout Regulator with Enable
More results

Similar Description - G962-50T45U

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G962 GMT-G962 Datasheet
238Kb / 6P
   2A Low Dropout Regulator with Enable
logo
Eutech Microelectronics...
EUP7966 EUTECH-EUP7966 Datasheet
396Kb / 11P
   2A Low-Dropout Regulator with Enable
logo
E-Tech Electronics LTD
LR18120 ETL-LR18120 Datasheet
380Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Unisonic Technologies
LR18120 UTC-LR18120_17 Datasheet
318Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G975 GMT-G975 Datasheet
154Kb / 1P
   2A Low Dropout Regulator with Enable
G966 GMT-G966 Datasheet
46Kb / 1P
   2A Low Dropout Regulator with Enable
G962 GMT-G962_15 Datasheet
75Kb / 1P
   2A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com